Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PXR40PB Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # PXR40PB
Description  32-bit Power Architecture짰 Microcontrollers for Real-Time Applications
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PXR40PB Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button PXR40PB Datasheet HTML 2Page - Freescale Semiconductor, Inc PXR40PB Datasheet HTML 3Page - Freescale Semiconductor, Inc PXR40PB Datasheet HTML 4Page - Freescale Semiconductor, Inc PXR40PB Datasheet HTML 5Page - Freescale Semiconductor, Inc PXR40PB Datasheet HTML 6Page - Freescale Semiconductor, Inc PXR40PB Datasheet HTML 7Page - Freescale Semiconductor, Inc PXR40PB Datasheet HTML 8Page - Freescale Semiconductor, Inc PXR40PB Datasheet HTML 9Page - Freescale Semiconductor, Inc PXR40PB Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
PXR40 Product Brief, Rev. 1
Preliminary—Subject to Change Without Notice
Features
Freescale Semiconductor
6
— Minimizes impact on performance
•
Six read and three write operations per clock
— Integrates a pair of integer execution units, a branch control unit, instruction fetch unit and
load/store unit, and a multi-ported register file
•
Branch target prefetching performed by the branch unit allows single-cycle branches in many cases
•
16 KB instruction cache and 16 KB data cache, both supporting error detection hardware.
•
Memory management unit (MMU) with 64-entry fully-associative translation look-aside buffer (TLB)
•
Nexus Class 3+ module
•
Supports non-maskable interrupt (completely un-maskable and not guaranteed to be recoverable)
and critical interrupt (an interrupt that can be masked and is guaranteed to be recoverable) sources
— Routed from a single package pin, via edge detection logic in the SIU, to the CPU
•
An additional Wait for Interrupt instruction:
— Used in conjunction with low power STOP mode
— Instruction stops the system clock
— An external interrupt source or the system wake-up timer restart the system clock, allowing the
CPU to service the interrupt
•
Includes multiple input signature register (MISR) hardware which can be accessed by software to
implement CPU self test functionality
2.5.2
On-chip flash memory
The PXR40 flash memory module provides the following:
•
4 MB of programmable, non-volatile, flash memory
— Nonvolatile memory (NVM) can be used for instruction and/or data storage
•
A fetch accelerator optimizes the performance of the flash memory array to match the CPU
architecture
— Architected to optimize the performance of the flash memory with the CPU to provide
single-cycle random access to the flash memory when in full clock mode, and two-cycle access
when in double clock mode
— Configurable read buffering and line prefetch support
•
An interface between the system bus and a dedicated flash memory array controller
•
Supports a 64-bit data bus width at the system bus port for CPU loads, DMA transfers and CPU
instruction fetch
— Byte, halfword, word, and doubleword reads are supported
— Only aligned word and doubleword writes are supported
•
Hardware and software configurable read and write access protections on a per-master basis
•
Pipelined interface to the flash memory array controller allowing overlapped accesses to proceed
in parallel for interleaved or pipelined flash memory array designs
•
Configurable access timing allowing use in a wide range of system frequencies



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com