Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DAMAMY15PFO Datasheet(PDF) 18 Page - ITT Industries

Part # DAMAMY15PFO
Description  Ensuring over 20 years of mission critical communication between two worlds across 250,000,000 milies
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

DAMAMY15PFO Datasheet(HTML) 18 Page - ITT Industries

Back Button DAMAMY15PFO Datasheet HTML 14Page - ITT Industries DAMAMY15PFO Datasheet HTML 15Page - ITT Industries DAMAMY15PFO Datasheet HTML 16Page - ITT Industries DAMAMY15PFO Datasheet HTML 17Page - ITT Industries DAMAMY15PFO Datasheet HTML 18Page - ITT Industries DAMAMY15PFO Datasheet HTML 19Page - ITT Industries DAMAMY15PFO Datasheet HTML 20Page - ITT Industries DAMAMY15PFO Datasheet HTML 21Page - ITT Industries DAMAMY15PFO Datasheet HTML 22Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 62 page
background image
C-18
www.ittcannon.com
Dimensions shown in inches (mm)
Specifications and dimensions subject to change
C
Cannon 90° PCB, Size 20
Military/High Reliability
90° Standard Density PC Tail
Shell Size
Layout
Through Hole
Through Hole
with bracket
without bracket
DE
9
DEMM9PL
DEMM9P
DA
15
DAMM15PL
DEMM15P
DB
25
DBMM25PL
DEMM25P
DC
37
DCMM37PL
DEMM37P
DD
50
DDMM50PL
DEMM50P
Plug
• For contact cavity arrangements, see pages C-44.
• For P.C. hole pattern, see pages C-46.
• For panel cutouts, see page C-49.
Note: For Residual Magnetism Level of 200 gamma, add NMBK52.
Example DEMA9PLNMBK52 contacts and shells have 50 microinches gold.
Shown with bracket, for version without bracket, use termination modifier "P".
Shell
A
B
C
D
E
F
W
W
K
K
L
size ± 0,38 (.015) ± 0,13 (.005) ± 0,13 (.005) ± 0,13 (.005) ± 0,38 (.015) ± 0,25 (.010) ± 0,368 (.0145) ± 0,41 (.016) ± 0,317 (.0125) ± 0,25 (.010) ± 0,25 (.010)
DE
30,81 (1.213)
16,92 (.666)
24,99 (8,36)
8,36 (.329)
12,55 (.494)
10,72 (.422)
6,693 (.2635)
-
0,76 (.030)
12,30 (.484)
8,64 (.340)
DA
39,14 (1.541)
25,25 (.994)
33,32 (1.312)
8,36 (.329)
12,55 (.494)
10,72 (.422)
6,693 (.2635)
-
0,76 (.030)
12,30 (.484)
8,64 (.340)
DB
53,04 (2.088)
38,96 (1.534)
47,04 (1.852)
8,36 (.329)
12,55 (.494)
10,82 (.426)
-
6.84 (.269)
0,76 (.030)
12,30 (.484)
8,64 (.340)
DC
69,32 (2.729)
55,42 (2.182)
63,50 (2.500)
8,36 (.329)
12,55 (.494)
10,82 (.426)
-
6.84 (.269)
0,76 (.030)
12,30 (.484)
8,64 (.340)
DD
66,93 (2.635)
52,81 (2.079)
61,11 (2.406)
11,07 (.436)
15,37 (.605)
10,82 (.426)
-
6.84 (.269)
0,76 (.030)
15,09 (.594)
10,04 (.395)
Engaging Face
DD Configuration
A
C
B
D
E
10
°
Ø 0,76 (.030)
M
N
Ø 3,05
(.120)
2,84
(.112)
7,18
± 0,25
(.283
± .010)
5,68
(.224)
L
4,01
± 0,69
(.158
± .027)
2,84
(.112)
F
W
7,18
± 0,25
(.283
± .010)
4,01
± 0,69
(.158
± .027)
Size D
Size E, A, B, C
ca_C1-C61.qxd:Layout 1
2/10/11
9:32 AM
Page 18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com