Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DAMAMY15PFO Datasheet(PDF) 23 Page - ITT Industries

Part # DAMAMY15PFO
Description  Ensuring over 20 years of mission critical communication between two worlds across 250,000,000 milies
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

DAMAMY15PFO Datasheet(HTML) 23 Page - ITT Industries

Back Button DAMAMY15PFO Datasheet HTML 19Page - ITT Industries DAMAMY15PFO Datasheet HTML 20Page - ITT Industries DAMAMY15PFO Datasheet HTML 21Page - ITT Industries DAMAMY15PFO Datasheet HTML 22Page - ITT Industries DAMAMY15PFO Datasheet HTML 23Page - ITT Industries DAMAMY15PFO Datasheet HTML 24Page - ITT Industries DAMAMY15PFO Datasheet HTML 25Page - ITT Industries DAMAMY15PFO Datasheet HTML 26Page - ITT Industries DAMAMY15PFO Datasheet HTML 27Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 62 page
background image
www.ittcannon.com
Dimensions shown in inches (mm)
Specifications and dimensions subject to change
C
C-23
Coaxial Straight PCB Plug, sizes DE-DD
Shell
A
B
C
D
E
F
W
W
L
size
± 0,38 (.015)
± 0,13 (.005)
± 0,13 (.005)
± 0,13 (.005)
± 0,38 (.015)
± 0,25 (.010)
± 0,368 (.0145) ± 0,41 (.016)
± 0,25 (.010)
DE
30,81 (1.213)
16,92 (.665)
24,99 (.984)
8,36 (.329)
12,55 (.494)
10,72 (.422)
6,693 (.2635)
—
0,76 (.030)
DA
39,14 (1.541)
25,25 (.994)
33,32 (1.312)
8,36 (.329)
12,55 (.494)
10,72 (.422)
6,693 (.2635)
—
0,76 (.030)
DB
53,04 (2.088)
38,96 (1.534)
47,04 (1.852)
8,36 (.329)
12,55 (.494)
10,82 (.426)
—
6,84 (.269)
0,99 (.039)
DC
69,32 (2.729)
55,42 (2.182)
63,50 (2,500)
8,36 (.329)
12,55 (.494)
10,82 (.426)
—
6,84 (.269)
0,99 (.039)
DD
66,93 (2.635)
52,81 (2.079)
61,11 (2,406)
11,07 (.436)
15,37 (.605)
10,82 (.426)
6,84 (.269)
0,99 (.039)
Dimensions
75 Ohm* coax inserted with straight contacts
and standoff with UNC 4-40 thread
75 OHM INDUSTRIAL
50 OHM MILITARY/HI-REL
NON-MAGNETIC/LOW OUTGASSING***
Shell
Layout
P/N without
P/N with
P/N without
P/N with UNC
P/N with
size
Boardlock
Boardlock
Boardlock
Boardlock
Gold Plating
DE
2W2
DEMV2C2P-NK87
DEMZ2C2P-NK87
DEMMV2X2P-N
DEMMZ2X2P-N
DEMZ2X2P-NNMBK52
DE
2WK2
DEMV2CK2P-NK87
DEMZ2CK2P-NK87
DEMMV2XK2P-N
DEMMZ2XK2P-N
DEMZ2XK2P-NNMBK52
DE
5W1
DEMV5C1P-NK87
DEMZ5C1P-NK87
DEMMV5X1P-N
DEMMZ5X12P-N
DEMZ5X1P-NNMBK52
DA
7W2
DAMV7C2P-NK87
DAMZ7C2P-NK87
DAMMV7X2P-N
DAMMZ7X2P-N
DAMZ7X2P-NNMBK52
DA
7W2
DAMV7C2P-NAK87
DAMZ7C2P-NAK87
DAMMV7X2P-N
DAMMZ7X2P-N
DAMZ7X2P-NNMBK52
DA
11W1
DAMV11C1P-NK87
DAMZ11C1P-NK87
DAMMV11X1P-N
DAMMZ11X1P-N
DAMZ11X1P-NNMBK52
DA
3W3
DAMV3C3P-NK87
DAMZ3C3P-NK87
DAMMV3X3P-N
DAMMZ3X3P-N
DAMZ3X3P-NNMBK52
DA
3WK3
DAMV3CK3P-NK87
DAMZ3CK3P-NK87
DAMMV3XK3P-N
DAMMZ3XK3P-N
DAMZ3XK3P-NNMBK52
DB
5W5
DBMV5C5P-NK87
DBMZ5C5P-NK87
DBMMV5X5P-N
DBMMZ5X5P-N
DBMZ5X5P-NNMBK52
DB
9W4
DBMV9C4P-NK87
DBMZ9C4P-NK87
DBMMV9X4P-N
DBMMZ9X4P-N
DBMZ9X4P-NNMBK52
DB
13W3
DBMV13C3P-NK87
DBMZ13C3P-NK87
DBMMV13X3P-N
DBMMZ13X3P-N
DBMZ13X3P-NNMBK52
DB
17W2
DBMV17C2P-NK87
DBMZ17C2P-NK87
DBMMV17X2P-N
DBMMZ17X2P-N
DBMZ17X2P-NNMBK52
DB
21W1
DBMV21C1P-NK87
DBMZ21C1P-NK87
DBMMV21X1P-N
DBMMZ21X1P-N
DBMZ21X1P-NNMBK52
DC
8W8
DCMV8C8P-NK87
DCMZ8C8P-NK87
DCMMV8X8P-N
DCMMZ8X8P-N
DCMZ8X8P-NNMBK52
DC
13W6
DCMV13C6P-NK87
DCMZ13C6P-NK87
DCMMV13X6P-N
DCMMZ13X6P-N
DCMZ13X6P-NNMBK52
DC
17W5
DCMV17C5P-NK87
DCMZ17C5P-NK87
DCMMV17X5P-N
DCMMZ17X5P-N
DCMZ17X5P-NNMBK52
DC
21WA4
DCMV21CA4P-NK87
DCMZ21CA4P-NK87
DCMMV21XA4P-N
DCMMZ21XA4P-N
DCMZ21XA4P-NNMBK52
DC
25W3
DCMV25C3P-NK87
DCMZ25C3P-NK87
DCMMV25X3P-N
DCMMZ25X3P-N
DCMZ25X3P-NNMBK52
DC
27W2
DCMV27C2P-NK87
DCMZ27C2P-NK87
DCMMV27X2P-N
DCMMZ27X2P-N
DCMZ27X2P-NNMBK52
DD
24W7
DDMV24C7P-NK87
DDMZ24C7P-NK87
DDMMV24X7P-N
DDMMZ24X7P-N
DDMZ24X7P-NNMBK52
DD
36W4
DDMV36C4P-NK87
DDMZ36C4P-NK87
DDMMV36X4P-N
DDMMZ36X4P-N
DDMZ36X4P-NNMBK52
DD
43W2
DDMV43C2P-NK87
DDMZ43C2P-NK87
DDMMV43X2P-N
DDMMZ43X2P-N
DDMZ43X2P-NNMBK52
DD
47W1
DDMV47C1P-NK87
DDMZ47C1P-NK87
DDMMV47X1P-N
DDMMZ47X1P-N
DDMZ47X1P-NNMBK52
* For 50 ohm coaxial inserts replace C with X, e.g.:DDMZ43C2P-N becomes DDMZ43X2P-N.
For M-3 and other hardware options, see Combo D Catalog.
*** Hardware Modifier not allowed with Non Magnetic/ Low Outgassing Combo-D- Contact factory for more information
Coax Straight PCB
Plug DE-DD
Plug
• For contact cavity arrangements, see page C-43.
• For pcb hole pattern, see Combo D Catalog.
ca_C1-C61.qxd:Layout 1
2/10/11
2:39 PM
Page 23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com