Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DAMAMY15PFO Datasheet(PDF) 19 Page - ITT Industries

Part # DAMAMY15PFO
Description  Ensuring over 20 years of mission critical communication between two worlds across 250,000,000 milies
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

DAMAMY15PFO Datasheet(HTML) 19 Page - ITT Industries

Back Button DAMAMY15PFO Datasheet HTML 15Page - ITT Industries DAMAMY15PFO Datasheet HTML 16Page - ITT Industries DAMAMY15PFO Datasheet HTML 17Page - ITT Industries DAMAMY15PFO Datasheet HTML 18Page - ITT Industries DAMAMY15PFO Datasheet HTML 19Page - ITT Industries DAMAMY15PFO Datasheet HTML 20Page - ITT Industries DAMAMY15PFO Datasheet HTML 21Page - ITT Industries DAMAMY15PFO Datasheet HTML 22Page - ITT Industries DAMAMY15PFO Datasheet HTML 23Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 62 page
background image
www.ittcannon.com
Dimensions shown in inches (mm)
Specifications and dimensions subject to change
C
C-19
Cannon 90° PCB, High Density Plug
Military/High Reliability D-Subminiature
90° High Density Plug PC Tail with Plastic Bracket
Shell Size
Layout
Through Hole
with bracket
DE
15
DEMA15PL
DA
26
DAMA26PL
DB
44
DBMA44PL
DC
62
DCMA62PL
DD
78
DDMA78PL
DF
104
DFMA104PLF216
Plug
• For contact cavity arrangements, see pages C-44.
• For P.C. hole pattern, see pages C-48.
• For panel cutouts, see page C-49.
Note: For Residual Magnetism Level of 200 gamma, add NMBK52. Example DEMA15PLNMBK52
contacts and shells have 50 microinches gold. Shown with bracket, for version without bracket,
use termination modifier "P". "F" size shells use machined aluminum shells only.
Shell
A
B
C
D
E
F
W
W
K
M
N
size ± 0,38 (.015) ± 0,13 (.005) ± 0,13 (.005) ± 0,13 (.005) ± 0,38 (.015) ± 0,25 (.010) ± 0,368 (.0145) ± 0,41 (.016) ± 0,317 (.0125) ± 0,25 (.010) ± 0,25 (.010)
DE
30,81 (1.213)
16,92 (.666)
24,99 (8,36)
8,36 (.329)
12,55 (.494)
10,72 (.422)
6,693 (.2635)
-
0,76 (.030)
18,901 (.740)
13,82 (.544)
DA
39,14 (1.541)
25,25 (.994)
33,32 (1.312)
8,36 (.329)
12,55 (.494)
10,72 (.422)
6,693 (.2635)
-
0,76 (.030)
18,901 (.740)
13,82 (.544)
DB
53,04 (2.088)
38,96 (1.534)
47,04 (1.852)
8,36 (.329)
12,55 (.494)
10,82 (.426)
-
6.84 (.269)
0,76 (.030)
18,901 (.740)
13,82 (.544)
DC
69,32 (2.729)
55,42 (2.182)
63,50 (2.500)
8,36 (.329)
12,55 (.494)
10,82 (.426)
-
6.84 (.269)
0,76 (.030)
18,901 (.740)
13,82 (.544)
DD
66,93 (2.635)
52,81 (2.079)
61,11 (2.406)
11,07 (.436)
15,37 (.605)
10,82 (.426)
-
6.84 (.269)
0,76 (.030)
20,07 (.790)
15,39 (.606)
DF
69,32 (2.729)
56,69 (2.232)
63,50 (2.500)
13,23 (.521)
16,97 (.668)
10,90 (.429)
-
6,94 (.273)
0,76 (.030)
22,14 (.872)
15.60 (.614)
0,51 (.020) O
O 3,05
(.120)
4,01
0,69
.150
L
± .020
±
1.98
,17
(.078 .007)
±
±
3,96
,17
(.078 .007)
±
±
11,68 (max)
(.460)
Size D
ca_C1-C61.qxd:Layout 1
2/10/11
9:32 AM
Page 19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com