Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DAMAMY15PFO Datasheet(PDF) 30 Page - ITT Industries

Part # DAMAMY15PFO
Description  Ensuring over 20 years of mission critical communication between two worlds across 250,000,000 milies
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

DAMAMY15PFO Datasheet(HTML) 30 Page - ITT Industries

Back Button DAMAMY15PFO Datasheet HTML 26Page - ITT Industries DAMAMY15PFO Datasheet HTML 27Page - ITT Industries DAMAMY15PFO Datasheet HTML 28Page - ITT Industries DAMAMY15PFO Datasheet HTML 29Page - ITT Industries DAMAMY15PFO Datasheet HTML 30Page - ITT Industries DAMAMY15PFO Datasheet HTML 31Page - ITT Industries DAMAMY15PFO Datasheet HTML 32Page - ITT Industries DAMAMY15PFO Datasheet HTML 33Page - ITT Industries DAMAMY15PFO Datasheet HTML 34Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 62 page
background image
Cannon Combo D® Coax 90° PCB Plug DD
Military/High Reliability
Coaxial 90° PCB Plug, sizes DD, with metal bracket
C-30
www.ittcannon.com
Dimensions shown in inches (mm)
Specifications and dimensions subject to change
C
Engaging Face
Screw lock, boardlock, and coaxial contact
removed for clarity
Screw lock, boardlock, and signal contacts
removed for clarity
11,53 ± 0,25
(.454 ± .010)
5,68
(.224)
2,84
(.112)
4,33 ± 0,38
(.170 ± .015)
RIVNUT
#4-40 UNC
F
W
3,89 (.153)
MIN
11,94 ± 0,33
(.470 ± .013)
L
2,54
(.100)
Ø 0,51
(.020)
0,56
(.023)
6,50 ± 0,25
(.256 ± .010)
13,74
(.541)
10,06
(.396)
SCREW LOCK
#4-40 UNC
BRACKET,
METAL
A
C
B
D
E
Ø 0,76
(.030)
0,82
(.032)
2,92
(.115)
BOARDLOCK
10°
INDUSTRIAL – US
INDUSTRIAL – EU**
MILITARY/HI-REL – US
NON-MAGNETIC/LOW OUTGASSING-EU***
75 Ohm* coax inserted with
75 Ohm* coax inserted with
50 Ohm* coax inserted with
50 Ohm* coax inserted with
US footprint metal bracket
EU footprint metal bracket
US footprint metal bracket
US footprint metal bracket
and UNC 4-40 captive nut
and UNC 4-40 captive nut
and UNC 4-40 screw lock
and UNC 4-40 screw lock
Shell Layout P/N without
P/N with
P/N without
P/N with
P/N without
P/N with
P/N with
size
Boardlock
Boardlock
Boardlock
Boardlock
Boardlock
Boardlock
Gold Plating
DD
24W7
DDMP24C7P-JK87
DDMC24C7P-JK87
DDMP24C7P-VK87
DDMC24C7P-VK87
DDMMD24X7P-J
DDMMG24X7P-J
DDM24X7P-JNMBK52
DD
36W4
DDMP36C4P-JK87
DDMC36C4P-JK87
DDMP36C4P-VK87
DDMC36C4P-VK87
DDMMD36X4P-J
DDMMG36X4P-J
DDM36X4P-JNMBK52
DD
43W2
DDMP43C2P-JK87
DDMC43C2P-JK87
DDMP43C2P-VK87
DDMC43C2P-VK87
DDMMD43X2P-J
DDMMG43X2P-J
DDM43X2P-JNMBK52
DD
47W1
DDMP47C1P-JK87
DDMC47C1P-JK87
DDMP47C1P-VK87
DDMC47C1P-VK87
DDMMD47X1P-J
DDMMG47X1P-J
DDM47X1P-JNMBK52
* For 50 ohm coaxial inserts replace C with X, e.g.:DCM13C6P-J becomes DCM13X6P-J.
**For M-3 hardware, see Combo D Catalog.
*** Hardware Modifier not allowed with Non Magnetic/ Low Outgassing Combo-D- Contact factory for more information
US version shown – for EU version, please contact factory.
For 50 ohm coaxial version, see Combo D Catalog
Note: Dimension varies with alternate bracket configuration, see Combo D Catalog.
Shell
A
B
C
D
E
F
W
L
size
± 0,38 (.015)
± 0,13 (.005)
± 0,13 (.005)
± 0,13 (.005)
± 0,38 (.015)
± 0,25 (.010)
± 0,41 (.015)
± 0,25 (.010)
DD
66,93 (2.635)
52,81 (2.079)
61,11 (2,406)
11,07 (.436)
15,37 (.605)
10,82 (.426)
6,84 (.269)
0,99 (.039)
Dimensions
• For contact cavity arrangements, see page C-43.
• For pcb hole pattern, see Combo D Catalog.
Plug
ca_C1-C61.qxd:Layout 1
2/10/11
9:32 AM
Page 30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com