Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM8731CSEFL/R Datasheet(PDF) 14 Page - Wolfson Microelectronics plc

Part # WM8731CSEFL/R
Description  Portable Internet Audio CODEC with Headphone Driver and Programmable Sample Rates
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8731CSEFL/R Datasheet(HTML) 14 Page - Wolfson Microelectronics plc

Back Button WM8731CSEFL/R Datasheet HTML 10Page - Wolfson Microelectronics plc WM8731CSEFL/R Datasheet HTML 11Page - Wolfson Microelectronics plc WM8731CSEFL/R Datasheet HTML 12Page - Wolfson Microelectronics plc WM8731CSEFL/R Datasheet HTML 13Page - Wolfson Microelectronics plc WM8731CSEFL/R Datasheet HTML 14Page - Wolfson Microelectronics plc WM8731CSEFL/R Datasheet HTML 15Page - Wolfson Microelectronics plc WM8731CSEFL/R Datasheet HTML 16Page - Wolfson Microelectronics plc WM8731CSEFL/R Datasheet HTML 17Page - Wolfson Microelectronics plc WM8731CSEFL/R Datasheet HTML 18Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 65 page
background image
WM8731 / WM8731L
Production Data
w
PD, Rev 4.9, October 2012
14
POWER CONSUMPTION – WM8731L
MODE
DESCRIPTION
CURRENT CONSUMPTION
TYPICAL
AVDD
(1.8V)
HP
VDD
(1.8V)
DC
VDD
(1.5V)
DB
VDD
(1.8V)
UNIT
Record and Playback
All active, oscillator
enabled
0
0
0
0
0
0
0
0
6
0.6
2.7
0.9
mA
Playback Only
Oscillator enabled
0
0
0
0
0
1
1
1
1.7
0.6
1.8
0.9
mA
Record Only
Line Record,
oscillator enabled
0
0
0
1
1
0
1
0
3.9
-
2.4
0.9
mA
Mic Record,
oscillator enabled
0
0
0
1
1
0
0
1
3.6
-
2.4
0.9
mA
Side Tone (Microphone Input to Headphone Output)
Clock stopped
0
0
1
0
1
1
0
1
0.8
0.6
-
-
mA
Analogue Bypass (Line-in to Line-out)
Clock stopped
0
0
1
0
1
1
1
0
1.1
0.6
-
-
mA
Standby
Clock stopped
0
1
1
1
1
1
1
1
8
-
-
-
A
Power Down
Clock stopped
1
1
1
1
1
1
1
1
0.2
0.2
0.3
0.2
A
Table 2 Powerdown Mode Current Consumption Examples
Notes:
1.
AVDD, HPVDD, DBVDD = 1.8V, AGND = 0V, DCVDD = 1.5V, DGND = 0V, TA = +25
oC. Slave Mode, fs = 48kHz,
XTI/MCLK = 256fs (12.288MHz).
2.
All figures are quiescent, with no signal.
3.
All figures are measured with the audio interface in master mode (MS = 1).
4.
The power dissipation in the headphone itself is not included in the above table.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com