Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM8731CSEFL/R Datasheet(PDF) 23 Page - Wolfson Microelectronics plc

Part # WM8731CSEFL/R
Description  Portable Internet Audio CODEC with Headphone Driver and Programmable Sample Rates
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8731CSEFL/R Datasheet(HTML) 23 Page - Wolfson Microelectronics plc

Back Button WM8731CSEFL/R Datasheet HTML 19Page - Wolfson Microelectronics plc WM8731CSEFL/R Datasheet HTML 20Page - Wolfson Microelectronics plc WM8731CSEFL/R Datasheet HTML 21Page - Wolfson Microelectronics plc WM8731CSEFL/R Datasheet HTML 22Page - Wolfson Microelectronics plc WM8731CSEFL/R Datasheet HTML 23Page - Wolfson Microelectronics plc WM8731CSEFL/R Datasheet HTML 24Page - Wolfson Microelectronics plc WM8731CSEFL/R Datasheet HTML 25Page - Wolfson Microelectronics plc WM8731CSEFL/R Datasheet HTML 26Page - Wolfson Microelectronics plc WM8731CSEFL/R Datasheet HTML 27Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 65 page
background image
WM8731 / WM8731L
Production Data
w
PD, Rev 4.9, October 2012
23
AGND
AGND
R1
R2
C1
C2
AGND
LINEIN
Figure 11 Line Input Application Drawing
For interfacing to a typical CD system, it is recommended that the input is scaled to ensure that there
is no clipping of the signal. R1 = 5.6k, R2 = 5.6k, C1 = 220pF, C2 = 1
F.
R1 and R2 form a resistive divider to attenuate the 2 Vrms output from a CD player to a 1 Vrms level,
so avoiding overloading the inputs. R2 also provides a discharge path for C2, thus preventing the
input to C2 charging to an excessive voltage which may otherwise damage any equipment connected
that is not suitably protected against high voltages. C1 forms an RF low pass filter for increasing the
rejection of RF interference picked up on any cables. C2 forms a DC blocking capacitor to remove the
DC path between the WM8731/L and the driving audio equipment. C2 together with the input
impedance of the WM8731/L form a high pass filter.
MICROPHONE INPUT
MICIN is a high impedance, low capacitance input suitable for connection to a wide range of
monophonic microphones of different dynamics and sensitivities.
The MICIN includes programmable volume adjustments and a mute function. The scheme is shown in
Figure 12. Passive RF and active Anti-Alias filters are also incorporated within the microphone
inputs. These allow a matched interface to the multi-bit oversampling ADC and preventing high
frequencies aliasing into the audio band or otherwise degrading performance.
50k
10k
VMID
MICIN
To
ADC
VMID
20dB GAIN BOOST
Figure 12 Microphone Input Schematic
There are 2 stages of gain made up of two low noise inverting operational amplifiers.
The 1
st stage comprises a nominal gain of G1 = 50k/10k = 5. By adding an external resistor (Rmic) in
series with MICIN the gain of stage can be adjusted. For example adding Rmic = 40K sets the gain of
stage 1 to x1 (0dB). The equation below can be used to calculate the gain versus Rmic.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com