Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM8731CSEFL/R Datasheet(PDF) 27 Page - Wolfson Microelectronics plc

Part # WM8731CSEFL/R
Description  Portable Internet Audio CODEC with Headphone Driver and Programmable Sample Rates
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8731CSEFL/R Datasheet(HTML) 27 Page - Wolfson Microelectronics plc

Back Button WM8731CSEFL/R Datasheet HTML 23Page - Wolfson Microelectronics plc WM8731CSEFL/R Datasheet HTML 24Page - Wolfson Microelectronics plc WM8731CSEFL/R Datasheet HTML 25Page - Wolfson Microelectronics plc WM8731CSEFL/R Datasheet HTML 26Page - Wolfson Microelectronics plc WM8731CSEFL/R Datasheet HTML 27Page - Wolfson Microelectronics plc WM8731CSEFL/R Datasheet HTML 28Page - Wolfson Microelectronics plc WM8731CSEFL/R Datasheet HTML 29Page - Wolfson Microelectronics plc WM8731CSEFL/R Datasheet HTML 30Page - Wolfson Microelectronics plc WM8731CSEFL/R Datasheet HTML 31Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 65 page
background image
WM8731 / WM8731L
Production Data
w
PD, Rev 4.9, October 2012
27
There are several types of ADC filters, frequency and phase responses of these are shown in Digital
Filter Characteristics. The filter types are automatically configured depending on the sample rate
chosen. Refer to the sample rate section for more details.
DAC FILTERS
The DAC filters perform true 24 bit signal processing to convert the incoming digital audio data from
the digital audio interface at the specified sample rate to multi-bit oversampled data for processing by
the analogue DAC. Figure 17 illustrates the DAC digital filter path.
FROM DIGITAL
AUDIO
INTERFACE
MUTE
DIGITAL
INTERPOLATION
FILTER
TO LINE
OUTPUTS
DIGITAL
DE_EMPHASIS
DEEMP
DACMU
Figure 17 DAC Filter Schematic
The DAC digital filter can apply digital de-emphasis under software control, as shown in Table 7.The
DAC can also perform a soft mute where the audio data is digitally brought to a mute level. This
removes any abrupt step changes in the audio that might otherwise result in audible clicks in the
audio outputs.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
0000101
Digital
Audio Path
Control
2:1
DEEMP[1:0]
00
De-emphasis Control
(Digital)
11 = 48kHz
10 = 44.1kHz
01 = 32kHz
00 = Disable
3
DACMU
1
DAC Soft Mute Control
(Digital)
1 = Enable soft mute
0 = Disable soft mute
Table 7 DAC Software Control
Notes:
1.
Not valid when SR[3:0] = 1111 or 0111.
2.
To ensure correct DACMU operation at fs = 88.2kHz, set SR[3:0] = 1000.
3.
To ensure correct DACMU operation at fs = 96kHz, set SR[3:0] = 0000.
DAC
The WM8731/L employs a multi-bit sigma delta oversampling digital to analogue converter. The
scheme for the converter is illustrated in Figure 18.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com