Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM8731CSEFL/R Datasheet(PDF) 29 Page - Wolfson Microelectronics plc

Part # WM8731CSEFL/R
Description  Portable Internet Audio CODEC with Headphone Driver and Programmable Sample Rates
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8731CSEFL/R Datasheet(HTML) 29 Page - Wolfson Microelectronics plc

Back Button WM8731CSEFL/R Datasheet HTML 25Page - Wolfson Microelectronics plc WM8731CSEFL/R Datasheet HTML 26Page - Wolfson Microelectronics plc WM8731CSEFL/R Datasheet HTML 27Page - Wolfson Microelectronics plc WM8731CSEFL/R Datasheet HTML 28Page - Wolfson Microelectronics plc WM8731CSEFL/R Datasheet HTML 29Page - Wolfson Microelectronics plc WM8731CSEFL/R Datasheet HTML 30Page - Wolfson Microelectronics plc WM8731CSEFL/R Datasheet HTML 31Page - Wolfson Microelectronics plc WM8731CSEFL/R Datasheet HTML 32Page - Wolfson Microelectronics plc WM8731CSEFL/R Datasheet HTML 33Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 65 page
background image
WM8731 / WM8731L
Production Data
w
PD, Rev 4.9, October 2012
29
The software control for the line outputs is shown in Table 8.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
0000100
Analogue
Audio Path
Control
3
BYPASS
1
Bypass Switch
1 = Enable Bypass
0 = Disable Bypass
4
DACSEL
0
DAC Select
1 = Select DAC
0 = Don’t select DAC
5
SIDETONE
0
Side Tone Switch
1 = Enable SideTone
0 = Disable Side Tone
Table 8 Output Software Control
The recommended external components are shown in Figure 20.
AGND
R1
C1
AGND
LINEOUT
R2
Figure 20 Line Outputs Application Drawing
Recommended values are C1 = 10
F, R1 = 47k, R2 = 100 Ω.
C1 forms a DC blocking capacitor to the line outputs. R1 prevents the output voltage from drifting so
protecting equipment connected to the line output. R2 forms a de-coupling resistor preventing
abnormal loads from disturbing the device. Note that poor choice of dielectric material for C1 can
have dramatic effects on the measured signal distortion at the output
HEADPHONE AMPLIFIER
The WM8731/L has a stereo headphone output available on LHPOUT and RHPOUT. The output is
designed specifically for driving 16 or 32 Ω headphones with maximum efficiency and low power
consumption. The headphone output includes a high quality volume level adjustment and mute
function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com