Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSP56321VF200R2 Datasheet(PDF) 35 Page - Freescale Semiconductor, Inc

Part # DSP56321VF200R2
Description  24-Bit Digital Signal Processor
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56321VF200R2 Datasheet(HTML) 35 Page - Freescale Semiconductor, Inc

Back Button DSP56321VF200R2 Datasheet HTML 31Page - Freescale Semiconductor, Inc DSP56321VF200R2 Datasheet HTML 32Page - Freescale Semiconductor, Inc DSP56321VF200R2 Datasheet HTML 33Page - Freescale Semiconductor, Inc DSP56321VF200R2 Datasheet HTML 34Page - Freescale Semiconductor, Inc DSP56321VF200R2 Datasheet HTML 35Page - Freescale Semiconductor, Inc DSP56321VF200R2 Datasheet HTML 36Page - Freescale Semiconductor, Inc DSP56321VF200R2 Datasheet HTML 37Page - Freescale Semiconductor, Inc DSP56321VF200R2 Datasheet HTML 38Page - Freescale Semiconductor, Inc DSP56321VF200R2 Datasheet HTML 39Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 84 page
background image
AC Electrical Characteristics
DSP56321 Technical Data, Rev. 11
Freescale Semiconductor
2-15
323
HAS deassertion to data strobe assertion
4
0.0
—
0.0
—
0.0
—
0.0
—
ns
324
Host data input setup time before write data
strobe deassertion6
4.95
—
4.5
—
4.13
—
4.0
—
ns
325
Host data input hold time after write data
strobe deassertion6
1.65
—
1.5
—
1.38
—
1.23
—
ns
326
Read data strobe assertion to output data
active from high impedance
5
HACK assertion to output data active from high
impedance
1.65
—
1.5
—
1.38
—
1.23
—
ns
327
Read data strobe assertion to output data
valid5
HACK assertion to output data valid
—
14.78
—
13.45
—
12.32
—
10.2
ns
328
Read data strobe deassertion to output data
high impedance5
HACK deassertion to output data high
impedance
—
4.95
—
4.5
—
4.13
4.0
—
ns
329
Output data hold time after read data strobe
deassertion5
Output data hold time after HACK deassertion
1.65
—
1.5
—
1.38
—
1.23
—
ns
330
HCS assertion to read data strobe
deassertion5
TC + 4.95
9.95
—
9.05
—
8.3
—
7.77
—
ns
331
HCS assertion to write data strobe
deassertion6
8—
8—
8—
8—
ns
332
HCS assertion to output data valid
—
17
—
16
—
15
—
14
ns
333
HCS hold time after data strobe deassertion
4
0.0
—
0.0
—
0.0
—
0.0
—
ns
334
Address (HAD[0–7]) setup time before HAS
deassertion (HMUX=1)
2.31
—
2.1
—
1.93
—
1.76
—
ns
335
Address (HAD[0–7]) hold time after HAS
deassertion (HMUX=1)
1.65
—
1.5
—
1.38
—
1.23
—
ns
336
HA[8–10] (HMUX=1), HA[0–2] (HMUX=0),
HR/W setup time before data strobe assertion
4
•Read
•Write
0
2.31
—
—
0
2.1
—
—
0
1.93
—
—
0
1.76
—
—
ns
ns
337
HA[8–10] (HMUX=1), HA[0–2] (HMUX=0),
HR/W hold time after data strobe deassertion4
1.65
—
1.5
—
1.38
—
1.23
—
ns
338
Delay from read data strobe deassertion to
host request assertion for “Last Data Register”
read5, 7, 8
TC + 2.64
7.64
—
7.19
—
6.81
—
6.28
—
ns
339
Delay from write data strobe deassertion to
host request assertion for “Last Data Register”
write6, 7, 8
1.5
× TC +
2.64
10.14
—
9.47
—
8.9
—
8.1
—
ns
340
Delay from data strobe assertion to host
request deassertion for “Last Data Register”
read or write (HROD=0)4, 7, 8
—
12.14
—
11.04
—
10.12
—
9.0
ns
341
Delay from data strobe assertion to host
request deassertion for “Last Data Register”
read or write (HROD=1, open drain host
request)4, 7, 8, 9
—300.0
—300.0
—
300.0
—300.0
ns
Table 2-10.
Host Interface Timings1,2,12 (Continued)
No.
Characteristic10
Expression
200 MHz
220 MHz
240 MHz
275 MHz
Uni
t
Min
Max
Min
Max
Min
Max
Min
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com