Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSP56321VF200R2 Datasheet(PDF) 41 Page - Freescale Semiconductor, Inc

Part # DSP56321VF200R2
Description  24-Bit Digital Signal Processor
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56321VF200R2 Datasheet(HTML) 41 Page - Freescale Semiconductor, Inc

Back Button DSP56321VF200R2 Datasheet HTML 37Page - Freescale Semiconductor, Inc DSP56321VF200R2 Datasheet HTML 38Page - Freescale Semiconductor, Inc DSP56321VF200R2 Datasheet HTML 39Page - Freescale Semiconductor, Inc DSP56321VF200R2 Datasheet HTML 40Page - Freescale Semiconductor, Inc DSP56321VF200R2 Datasheet HTML 41Page - Freescale Semiconductor, Inc DSP56321VF200R2 Datasheet HTML 42Page - Freescale Semiconductor, Inc DSP56321VF200R2 Datasheet HTML 43Page - Freescale Semiconductor, Inc DSP56321VF200R2 Datasheet HTML 44Page - Freescale Semiconductor, Inc DSP56321VF200R2 Datasheet HTML 45Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 84 page
background image
AC Electrical Characteristics
DSP56321 Technical Data, Rev. 11
Freescale Semiconductor
2-21
2.4.7
SCI Timing
Table 2-11.
SCI Timings
No.
Characteristics1
Symbol
Expression
200 MHz
220 MHz
240 MHz
275 MHz
Uni
t
Min
Max
Min
Max
Min
Max
Min
Max
400
Synchronous clock cycle
tSCC
2
16
× TC
80.0
—
72.8
—
66.7
—
58.0
—
ns
401
Clock low period
tSCC/2 −10.0
30.0
—
26.4
—
23.4
—
19.0
—
ns
402
Clock high period
tSCC/2 −10.0
30.0
—
26.4
—
23.4
—
19.0
—
ns
403
Output data setup to
clock falling edge
(internal clock)
tSCC/4 + 0.5 × TC −17.0
5.5
—
3.5
—
1.76
—
–0.68
—
ns
404
Output data hold after
clock rising edge (internal
clock)
tSCC/4 −1.5 × TC
13
—
11.5
—
10
—
9.04
—
ns
405
Input data setup time
before clock rising edge
(internal clock)
tSCC/4 + 0.5 × TC + 25.0
47.5
—
45.5
—
43.8
—
41.32
—
ns
406
Input data not valid
before clock rising edge
(internal clock)
tSCC/4 + 0.5 × TC −5.5
—
17.0
—
15.0
—
13.8
—
10.81
ns
407
Clock falling edge to
output data valid (external
clock)
—
32.0
—
32.0
—
32.0
—
32.0
ns
408
Output data hold after
clock rising edge
(external clock)
TC + 8.0
13.0
—
12.6
—
12.2
—
11.64
—
ns
409
Input data setup time
before clock rising edge
(external clock)
0.0
—
0.0
—
0.0
—
0.0
—
ns
410
Input data hold time after
clock rising edge
(external clock)
9.0
—
9.0
—
9.0
—
9.0
—
ns
411
Asynchronous clock cycle
tACC
3
64
× TC
320.0
—
291.2
—
266.9
—
232.0
—
ns
412
Clock low period
tACC/2 −10.0
150.0
—
135.6
—
123.5
—
106.0
—
ns
413
Clock high period
tACC/2 −10.0
150.0
—
135.6
—
123.5
—
106.0
—
ns
414
Output data setup to
clock rising edge (internal
clock)
tACC/2 −30.0
130.0
—
115.6
—
103.5
—
86.0
—
ns
415
Output data hold after
clock rising edge (internal
clock)
tACC/2 −30.0
130.0
—
115.6
—
103.5
—
86.0
—
ns
Notes:
1.
VCCQH = 3.3 V ± 0.3 V, VCCQL = 1.6 V ± 0.1 V; TJ = –40°C to +100 °C, CL = 50 pF.
2.
tSCC = synchronous clock cycle time (for internal clock, tSCC is determined by the SCI clock control register and TC).
3.
tACC = asynchronous clock cycle time; value given for 1X Clock mode (for internal clock, tACC is determined by the SCI clock
control register and TC).
4.
In the timing diagrams that follow, the SCLK is drawn using the clock falling edge as a the first reference. Clock polarity is
programmable in the SCI Control Register (SCR). Refer to the
DSP56321 Reference Manual for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com