Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSP56321VF200R2 Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

Part # DSP56321VF200R2
Description  24-Bit Digital Signal Processor
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56321VF200R2 Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button DSP56321VF200R2 Datasheet HTML 6Page - Freescale Semiconductor, Inc DSP56321VF200R2 Datasheet HTML 7Page - Freescale Semiconductor, Inc DSP56321VF200R2 Datasheet HTML 8Page - Freescale Semiconductor, Inc DSP56321VF200R2 Datasheet HTML 9Page - Freescale Semiconductor, Inc DSP56321VF200R2 Datasheet HTML 10Page - Freescale Semiconductor, Inc DSP56321VF200R2 Datasheet HTML 11Page - Freescale Semiconductor, Inc DSP56321VF200R2 Datasheet HTML 12Page - Freescale Semiconductor, Inc DSP56321VF200R2 Datasheet HTML 13Page - Freescale Semiconductor, Inc DSP56321VF200R2 Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 84 page
background image
DSP56321 Technical Data, Rev. 11
1-4
Freescale Semiconductor
Signals/Connections
1.4 External Memory Expansion Port (Port A)
Note:
When the DSP56321 enters a low-power standby mode (stop or wait), it releases bus mastership and tri-
states the relevant Port A signals: A[0–17], D[0–23], AA[0–3], RD, WR, BB.
1.4.1
External Address Bus
1.4.2
External Data Bus
1.4.3
External Bus Control
Table 1-5.
External Address Bus Signals
Signal Name
Type
State During
Reset, Stop,
or Wait
Signal Description
A[0–17]
Output
Tri-stated
Address Bus—When the DSP is the bus master, A[0–17] are active-high
outputs that specify the address for external program and data memory
accesses. Otherwise, the signals are tri-stated. To minimize power dissipation,
A[0–17] do not change state when external memory spaces are not being
accessed.
Table 1-6.
External Data Bus Signals
Signal Name
Type
State During
Reset
State During
Stop or Wait
Signal Description
D[0–23]
Input/ Output
Ignored Input
Last state:
Input: Ignored
Output:
Last value
Data Bus—When the DSP is the bus master, D[0–23] are
active-high, bidirectional input/outputs that provide the
bidirectional data bus for external program and data
memory accesses. Otherwise, D[0–23] drivers are tri-
stated. If the last state is output, these lines have weak
keepers to maintain the last output state if all drivers are tri-
stated.
Table 1-7.
External Bus Control Signals
Signal Name
Type
State During
Reset, Stop, or
Wait
Signal Description
AA[0–3]
Output
Tri-stated
Address Attribute—When defined as AA, these signals can be used as chip
selects or additional address lines. The default use defines a priority scheme
under which only one AA signal can be asserted at a time. Setting the AA priority
disable (APD) bit (Bit 14) of the Operating Mode Register, the priority
mechanism is disabled and the lines can be used together as four external lines
that can be decoded externally into 16 chip select signals.
RD
Output
Tri-stated
Read Enable—When the DSP is the bus master, RD is an active-low output that
is asserted to read external memory on the data bus (D[0–23]). Otherwise, RD is
tri-stated.
WR
Output
Tri-stated
Write Enable—When the DSP is the bus master, WR is an active-low output
that is asserted to write external memory on the data bus (D[0–23]). Otherwise,
the signals are tri-stated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com