| Electronic Components Datasheet Search |
|
DSP56321VF200R2 Datasheet(PDF) 17 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
DSP56321VF200R2 Datasheet(HTML) 17 Page - Freescale Semiconductor, Inc |
|
17 / 84 page ![]() Enhanced Synchronous Serial Interface 1 (ESSI1) DSP56321 Technical Data, Rev. 11 Freescale Semiconductor 1-11 1.8 Enhanced Synchronous Serial Interface 1 (ESSI1) STD0 PC5 Output Input or Output Ignored Input Serial Transmit Data—Transmits data from the Serial Transmit Shift Register. STD0 is an output when data is transmitted. Port C 5—The default configuration following reset is GPIO input PC5. When configured as PC5, signal direction is controlled through the Port C Direction Register. The signal can be configured as an ESSI signal STD0 through the Port C Control Register. Notes: 1. In the Stop state, the signal maintains the last state as follows: • If the last state is input, the signal is an ignored input. • If the last state is output, these lines have weak keepers that maintain the last output state even if the drivers are tri-stated. 2. The Wait processing state does not affect the signal state. Table 1-12. Enhanced Serial Synchronous Interface 1 Signal Name Type State During Reset1,2 Signal Description SC10 PD0 Input or Output Input or Output Ignored Input Serial Control 0—For asynchronous mode, this signal is used for the receive clock I/O (Schmitt-trigger input). For synchronous mode, this signal is used either for transmitter 1 output or for serial I/O flag 0. Port D 0—The default configuration following reset is GPIO input PD0. When configured as PD0, signal direction is controlled through the Port D Direction Register. The signal can be configured as an ESSI signal SC10 through the Port D Control Register. SC11 PD1 Input/Output Input or Output Ignored Input Serial Control 1—For asynchronous mode, this signal is the receiver frame sync I/O. For synchronous mode, this signal is used either for Transmitter 2 output or for Serial I/O Flag 1. Port D 1—The default configuration following reset is GPIO input PD1. When configured as PD1, signal direction is controlled through the Port D Direction Register. The signal can be configured as an ESSI signal SC11 through the Port D Control Register. SC12 PD2 Input/Output Input or Output Ignored Input Serial Control Signal 2—The frame sync for both the transmitter and receiver in synchronous mode and for the transmitter only in asynchronous mode. When configured as an output, this signal is the internally generated frame sync signal. When configured as an input, this signal receives an external frame sync signal for the transmitter (and the receiver in synchronous operation). Port D 2—The default configuration following reset is GPIO input PD2. When configured as PD2, signal direction is controlled through the Port D Direction Register. The signal can be configured as an ESSI signal SC12 through the Port D Control Register. Table 1-11. Enhanced Synchronous Serial Interface 0 (Continued) Signal Name Type State During Reset1,2 Signal Description |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |