Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC12C67X Datasheet(PDF) 49 Page - Microchip Technology

Part # PIC12C67X
Description  8-Pin, 8-Bit CMOS Microcontroller with A/D Converter and EEPROM Data Memory
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12C67X Datasheet(HTML) 49 Page - Microchip Technology

Back Button PIC12C67X_13 Datasheet HTML 45Page - Microchip Technology PIC12C67X_13 Datasheet HTML 46Page - Microchip Technology PIC12C67X_13 Datasheet HTML 47Page - Microchip Technology PIC12C67X_13 Datasheet HTML 48Page - Microchip Technology PIC12C67X_13 Datasheet HTML 49Page - Microchip Technology PIC12C67X_13 Datasheet HTML 50Page - Microchip Technology PIC12C67X_13 Datasheet HTML 51Page - Microchip Technology PIC12C67X_13 Datasheet HTML 52Page - Microchip Technology PIC12C67X_13 Datasheet HTML 53Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 130 page
background image
 1997-2013 Microchip Technology Inc.
DS30561C-page 49
PIC12C67X
8.2
Selecting the A/D Conversion Clock
The A/D conversion time per bit is defined as TAD. The
A/D conversion requires 9.5 TAD per 8-bit conversion.
The source of the A/D conversion clock is software
selected. The four possible options for TAD are:
•2TOSC
•8TOSC
•32TOSC
• Internal ADC RC oscillator
For correct A/D conversions, the A/D conversion clock
(TAD) must be selected to ensure a minimum TAD time
of 1.6
s. If the minimum TAD time of 1.6 s can not be
obtained, TAD should be
8 s for preferred operation.
Table 8-1 shows the resultant TAD times derived from
the device operating frequencies and the A/D clock
source selected.
8.3
Configuring Analog Port Pins
The ADCON1 and TRIS Registers control the opera-
tion of the A/D port pins. The port pins that are desired
as analog inputs must have their corresponding TRIS
bits set (input). If the TRIS bit is cleared (output), the
digital output level (VOH or VOL) will be converted.
The A/D operation is independent of the state of the
CHS<2:0> bits and the TRIS bits.
Note 1: When reading the port register, all pins
configured as analog input channel will
read as cleared (a low level). Pins config-
ured as digital inputs, will convert an ana-
log input. Analog levels on a digitally
configured input will not affect the conver-
sion accuracy.
2: Analog levels on any pin that is defined as
a digital input (including the AN<3:0>
pins) may cause the input buffer to con-
sume current that is out of the devices
specification.
TABLE 8-1:
TAD vs. DEVICE OPERATING FREQUENCIES
AD Clock Source (TAD)
Device Frequency
Operation
ADCS<1:0>
4 MHz
1.25 MHz
333.33 kHz
2TOSC
00
500 ns(2)
1.6
s6 s
8TOSC
01
2.0
s6.4 s
24
s(3)
32TOSC
10
8.0
s
25.6
s(3)
96
s(3)
Internal ADC RC Oscillator(5)
11
2 - 6
s(1,4)
2 - 6
s(1,4)
2 - 6
s(1)
Note 1:
The RC source has a typical TAD time of 4
s.
2: These values violate the minimum required TAD time.
3: For faster conversion times, the selection of another clock source is recommended.
4: While in RC mode, with device frequency above 1 MHz, conversion accuracy is out of specification.
5: For extended voltage devices (LC), please refer to Electrical Specifications section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com