Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC12C67X Datasheet(PDF) 77 Page - Microchip Technology

Part # PIC12C67X
Description  8-Pin, 8-Bit CMOS Microcontroller with A/D Converter and EEPROM Data Memory
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12C67X Datasheet(HTML) 77 Page - Microchip Technology

Back Button PIC12C67X_13 Datasheet HTML 73Page - Microchip Technology PIC12C67X_13 Datasheet HTML 74Page - Microchip Technology PIC12C67X_13 Datasheet HTML 75Page - Microchip Technology PIC12C67X_13 Datasheet HTML 76Page - Microchip Technology PIC12C67X_13 Datasheet HTML 77Page - Microchip Technology PIC12C67X_13 Datasheet HTML 78Page - Microchip Technology PIC12C67X_13 Datasheet HTML 79Page - Microchip Technology PIC12C67X_13 Datasheet HTML 80Page - Microchip Technology PIC12C67X_13 Datasheet HTML 81Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 130 page
background image
 1997-2013 Microchip Technology Inc.
DS30561C-page 77
PIC12C67X
IORWF
Inclusive OR W with f
Syntax:
[
label ]
IORWF
f,d
Operands:
0
 f  127
d
 [0,1]
Operation:
(W) .OR. (f)
 (dest)
Status Affected:
Z
Encoding:
00
0100
dfff
ffff
Description:
Inclusive OR the W register with
register 'f'. If 'd' is 0, the result is
placed in the W register. If 'd' is 1,
the result is placed back in regis-
ter 'f'.
Words:
1
Cycles:
1
Example
IORWF
RESULT, 0
Before Instruction
RESULT =
0x13
W
=
0x91
After Instruction
RESULT =
0x13
W
=
0x93
Z=
1
MOVLW
Move Literal to W
Syntax:
[
label ]
MOVLW k
Operands:
0
 k  255
Operation:
k
 (W)
Status Affected:
None
Encoding:
11
00xx
kkkk
kkkk
Description:
The eight bit literal 'k' is loaded
into W register. The don’t cares
will assemble as 0’s.
Words:
1
Cycles:
1
Example
MOVLW
0x5A
After Instruction
W
=
0x5A
MOVF
Move f
Syntax:
[
label ]
MOVF f,d
Operands:
0
 f  127
d
 [0,1]
Operation:
(f)
 (dest)
Status Affected:
Z
Encoding:
00
1000
dfff
ffff
Description:
The contents of register f are
moved to a destination dependant
upon the status of d. If d = 0, des-
tination is W register. If d = 1, the
destination is file register f itself.
d = 1 is useful to test a file register
since status flag Z is affected.
Words:
1
Cycles:
1
Example
MOVF
FSR,
0
After Instruction
W = value in FSR register
Z= 1
MOVWF
Move W to f
Syntax:
[
label ]
MOVWF
f
Operands:
0
 f  127
Operation:
(W)
 (f)
Status Affected:
None
Encoding:
00
0000
1fff
ffff
Description:
Move data from W register to reg-
ister 'f'.
Words:
1
Cycles:
1
Example
MOVWF
OPTION
Before Instruction
OPTION =
0xFF
W
=
0x4F
After Instruction
OPTION =
0x4F
W
=
0x4F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com