Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC12C67X Datasheet(PDF) 16 Page - Microchip Technology

Part # PIC12C67X
Description  8-Pin, 8-Bit CMOS Microcontroller with A/D Converter and EEPROM Data Memory
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12C67X Datasheet(HTML) 16 Page - Microchip Technology

Back Button PIC12C67X_13 Datasheet HTML 12Page - Microchip Technology PIC12C67X_13 Datasheet HTML 13Page - Microchip Technology PIC12C67X_13 Datasheet HTML 14Page - Microchip Technology PIC12C67X_13 Datasheet HTML 15Page - Microchip Technology PIC12C67X_13 Datasheet HTML 16Page - Microchip Technology PIC12C67X_13 Datasheet HTML 17Page - Microchip Technology PIC12C67X_13 Datasheet HTML 18Page - Microchip Technology PIC12C67X_13 Datasheet HTML 19Page - Microchip Technology PIC12C67X_13 Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 130 page
background image
PIC12C67X
DS30561C-page 16
 1997-2013 Microchip Technology Inc.
4.2.2.2
OPTION REGISTER
The OPTION Register is a readable and writable regis-
ter, which contains various control bits to configure the
TMR0/WDT prescaler, the External INT Interrupt,
TMR0 and the weak pull-ups on GPIO.
Note:
To achieve a 1:1 prescaler assignment for
the TMR0 register, assign the prescaler to
the Watchdog Timer by setting bit PSA
(OPTION<3>).
REGISTER 4-2:
OPTION REGISTER (ADDRESS 81h)
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
GPPU
INTEDG
T0CS
T0SE
PSA
PS2
PS1
PS0
R
= Readable bit
W = Writable bit
U
= Unimplemented bit,
read as ‘0’
- n = Value at POR reset
bit7
bit0
bit 7:
GPPU: Weak Pull-up Enable
1
= Weak pull-ups disabled
0
= Weak pull-ups enabled (GP0, GP1, GP3)
bit 6:
INTEDG: Interrupt Edge
1
= Interrupt on rising edge of GP2/T0CKI/AN2/INT pin
0
= Interrupt on falling edge of GP2/T0CKI/AN2/INT pin
bit 5:
T0CS: TMR0 Clock Source Select bit
1
= Transition on GP2/T0CKI/AN2/INT pin
0
= Internal instruction cycle clock (CLKOUT)
bit 4:
T0SE: TMR0 Source Edge Select bit
1
= Increment on high-to-low transition on GP2/T0CKI/AN2/INT pin
0
= Increment on low-to-high transition on GP2/T0CKI/AN2/INT pin
bit 3:
PSA: Prescaler Assignment bit
1
= Prescaler is assigned to the WDT
0
= Prescaler is assigned to the Timer0 module
bit 2-0:
PS<2:0>: Prescaler Rate Select bits
000
001
010
011
100
101
110
111
1 : 2
1 : 4
1 : 8
1 : 16
1 : 32
1 : 64
1 : 128
1 : 256
1 : 1
1 : 2
1 : 4
1 : 8
1 : 16
1 : 32
1 : 64
1 : 128
Bit Value
TMR0 Rate
WDT Rate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com