Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC12C67X Datasheet(PDF) 96 Page - Microchip Technology

Part # PIC12C67X
Description  8-Pin, 8-Bit CMOS Microcontroller with A/D Converter and EEPROM Data Memory
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12C67X Datasheet(HTML) 96 Page - Microchip Technology

Back Button PIC12C67X_13 Datasheet HTML 92Page - Microchip Technology PIC12C67X_13 Datasheet HTML 93Page - Microchip Technology PIC12C67X_13 Datasheet HTML 94Page - Microchip Technology PIC12C67X_13 Datasheet HTML 95Page - Microchip Technology PIC12C67X_13 Datasheet HTML 96Page - Microchip Technology PIC12C67X_13 Datasheet HTML 97Page - Microchip Technology PIC12C67X_13 Datasheet HTML 98Page - Microchip Technology PIC12C67X_13 Datasheet HTML 99Page - Microchip Technology PIC12C67X_13 Datasheet HTML 100Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 130 page
background image
PIC12C67X
DS30561C-page 96
 1997-2013 Microchip Technology Inc.
Output High Voltage
D090
I/O ports (Note 3)
VOH
VDD - 0.7
——
VIOH = -3.0 mA, VDD = 4.5V,
–40
C to +85C
D090A
VDD - 0.7
——
VIOH = -2.5 mA, VDD = 4.5V,
–40
C to +125C
D092
OSC2/CLKOUT
VDD - 0.7
V
IOH = 1.3 mA, VDD = 4.5V,
–40
C to +85C
D092A
VDD - 0.7
V
IOH = 1.0 mA, VDD = 4.5V,
–40
C to +125C
Capacitive Loading Specs on
Output Pins
D100
OSC2 pin
COSC2
——
15
pF
In XT and LP modes when
external clock is used to drive
OSC1.
D101
All I/O pins
CIO
——
50
pF
DC CHARACTERISTICS
Standard Operating Conditions (unless otherwise specified)
Operating temperature
0°C
 TA  +70°C (commercial)
–40°C
 TA  +85°C (industrial)
–40°C
 TA  +125°C (extended)
Operating voltage VDD range as described in DC spec Section 12.1 and
Section 12.2.
Param
No.
Characteristic
Sym
Min
Typ†
Max
Units
Conditions
Data in “Typ” column is at 5V, 25
C unless otherwise stated. These parameters are for design guidance only and are not
tested.
Note 1:
In EXTRC oscillator configuration, the OSC1/CLKIN pin is a Schmitt Trigger input. It is not recommended that the PIC12C67X
be driven with external clock in RC mode.
2: The leakage current on the MCLR pin is strongly dependent on the applied voltage level. The specified levels represent
normal operating conditions. Higher leakage current may be measured at different input voltages.
3: Negative current is defined as coming out of the pin.
4: Does not include GP3. For GP3 see parameters D061 and D061A.
5: This spec. applies to GP3/MCLR configured as external MCLR and GP3/MCLR configured as input with internal pull-up
enabled.
6: This spec. applies when GP3/MCLR is configured as an input with pull-up disabled. The leakage current of the MCLR circuit
is higher than the standard I/O logic.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com