Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EVAL-AD7795EB Datasheet(PDF) 34 Page - Analog Devices

Part # EVAL-AD7795EB
Description  6-Channel, Low Noise, Low Power, 24-/16-Bit 誇-? ADC with On-Chip In-Amp and Reference
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-AD7795EB Datasheet(HTML) 34 Page - Analog Devices

Back Button EVAL-AD7795EB Datasheet HTML 28Page - Analog Devices EVAL-AD7795EB Datasheet HTML 29Page - Analog Devices EVAL-AD7795EB Datasheet HTML 30Page - Analog Devices EVAL-AD7795EB Datasheet HTML 31Page - Analog Devices EVAL-AD7795EB Datasheet HTML 32Page - Analog Devices EVAL-AD7795EB Datasheet HTML 33Page - Analog Devices EVAL-AD7795EB Datasheet HTML 34Page - Analog Devices EVAL-AD7795EB Datasheet HTML 35Page - Analog Devices EVAL-AD7795EB Datasheet HTML 36Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 34 / 36 page
background image
AD7794/AD7795
Rev. D | Page 34 of 36
one conversion cycle when chop is disabled. For higher gains,
four conversion cycles are required to perform the full-scale
calibration when chop is enabled, and two conversion cycles
when chop is disabled. DOUT/RDY goes high when the
calibration is initiated and returns low when the calibration is
complete. The ADC is placed in idle mode following a cali-
bration. The measured full-scale coefficient is placed in the full-
scale register of the selected channel. Internal full-scale
calibrations cannot be performed when the gain equals 128.
With this gain setting, a system full-scale calibration can be
performed. A full-scale calibration is required each time the
gain of a channel is changed to minimize the full-scale error.
An internal full-scale calibration can be performed at specified
update rates only. For gains of 1, 2, and 4, an internal full-scale
calibration can be performed at any update rate. However, for
higher gains, internal full-scale calibrations can be performed
only when the update rate is less than or equal to 16.7 Hz, 33.3 Hz,
and 50 Hz. However, the full-scale error does not vary with
update rate, so a calibration at one update is valid for all update
rates (assuming the gain or reference source is not changed).
A system full-scale calibration takes two conversion cycles to
complete, irrespective of the gain setting when chop is enabled
and one conversion cycle when chop is disabled. A system full-
scale calibration can be performed at all gains and all update
rates. With chop disabled, the offset calibration (internal or
system offset) should be performed before the system full-scale
calibration is initiated.
GROUNDING AND LAYOUT
Because the analog inputs and reference inputs of the ADC are
differential, most of the voltages in the analog modulator are
common-mode voltages. The excellent common-mode
rejection of the part removes common-mode noise on these
inputs. The digital filter provides rejection of broadband noise
on the power supply, except at integer multiples of the
modulator sampling frequency. The digital filter also removes
noise from the analog and reference inputs, provided that these
noise sources do not saturate the analog modulator. As a result,
the AD7794/AD7795 are more immune to noise interference
than conventional high resolution converters. However, because
the resolution of the AD7794/AD7795 is so high, and the noise
levels from the AD7794/AD7795 are so low, care must be taken
with regard to grounding and layout.
The printed circuit board that houses the AD7794/AD7795
should be designed so that the analog and digital sections are
separated and confined to certain areas of the board. A minimum
etch technique is generally best for ground planes because it
gives the best shielding.
It is recommended that the GND pin of the AD7794/AD7795
be tied to the AGND plane of the system. In any layout, it is
important that the user keep in mind the flow of currents in the
system, ensuring that the return paths for all currents are as
close as possible to the paths the currents took to reach their
destinations. Avoid forcing digital currents to flow through the
AGND sections of the layout.
The ground plane of the AD7794/AD7795 should be allowed to
run under the AD7794/AD7795 to prevent noise coupling. The
power supply lines to the AD7794/AD7795 should use as wide a
trace as possible to provide low impedance paths and reduce the
effects of glitches on the power supply line. Fast switching
signals, such as clocks, should be shielded with digital ground
to avoid radiating noise to other sections of the board. In
addition, clock signals should never be run near the analog
inputs. Avoid crossover of digital and analog signals. Traces on
opposite sides of the board should run at right angles to each
other. This reduces the effects of feedthrough through the
board. A microstrip technique is the best, but it is not always
possible with a double-sided board. In this technique, the
component side of the board is dedicated to ground planes,
while signals are placed on the solder side.
Good decoupling is important when using high resolution
ADCs. AVDD should be decoupled with 10 μF tantalum in
parallel with 0.1 μF capacitors to GND. DVDD should be
decoupled with 10 μF tantalum in parallel with 0.1 μF
capacitors to the system’s DGND plane, with the system’s
AGND to DGND connection being close to the
AD7794/AD7795. To achieve the best from these decoupling
components, they should be placed as close as possible to the
device, ideally right up against the device. All logic chips should
be decoupled with 0.1 μF ceramic capacitors to DGND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com