Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EVAL-AD7795EB Datasheet(PDF) 11 Page - Analog Devices

Part # EVAL-AD7795EB
Description  6-Channel, Low Noise, Low Power, 24-/16-Bit 誇-? ADC with On-Chip In-Amp and Reference
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-AD7795EB Datasheet(HTML) 11 Page - Analog Devices

Back Button EVAL-AD7795EB Datasheet HTML 7Page - Analog Devices EVAL-AD7795EB Datasheet HTML 8Page - Analog Devices EVAL-AD7795EB Datasheet HTML 9Page - Analog Devices EVAL-AD7795EB Datasheet HTML 10Page - Analog Devices EVAL-AD7795EB Datasheet HTML 11Page - Analog Devices EVAL-AD7795EB Datasheet HTML 12Page - Analog Devices EVAL-AD7795EB Datasheet HTML 13Page - Analog Devices EVAL-AD7795EB Datasheet HTML 14Page - Analog Devices EVAL-AD7795EB Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
AD7794/AD7795
Rev. D | Page 11 of 36
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
NC = NO CONNECT
AD7794/
AD7795
TOP VIEW
(Not to Scale)
SCLK 1
DIN
24
CLK 2
DOUT/RDY
23
CS 3
DVDD
22
NC 4
AVDD
21
AIN6(+)/P1 5
GND
20
AIN6(–)/P2 6
PSW
19
AIN1(+) 7
AIN4(–)/REFIN2(–)
18
AIN1(–) 8
AIN4(+)/REFIN2(+)
17
AIN2(+) 9
AIN5(–)/IOUT1
16
AIN2(–) 10
AIN5(+)/IOUT2
15
AIN3(+) 11
REFIN1(–)
14
AIN3(–) 12
REFIN1(+)
13
Figure 5. Pin Configuration
Table 4. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
SCLK
Serial Clock Input. This serial clock input is for data transfers to and from the ADC. The SCLK has a Schmitt-
triggered input, making the interface suitable for opto-isolated applications. The serial clock can be
continuous with all data transmitted in a continuous train of pulses. Alternatively, it can be a noncontinuous
clock with the information being transmitted to or from the ADC in smaller batches of data.
2
CLK
Clock In/Clock Out. The internal clock can be made available at this pin. Alternatively, the internal clock can
be disabled, and the ADC can be driven by an external clock. This allows several ADCs to be driven from a
common clock, allowing simultaneous conversions to be performed.
3
CS
Chip Select Input. This is an active low logic input used to select the ADC. CS can be used to select the ADC in
systems with more than one device on the serial bus or as a frame synchronization signal in communicating
with the device. CS can be hardwired low, allowing the ADC to operate in 3-wire mode with SCLK, DIN, and
DOUT used to interface with the device.
4
NC
No Connect.
5
AIN6(+)/P1
Analog Input/Digital Output Pin. AIN6(+) is the positive terminal of the differential analog input pair,
AIN6(+)/AIN6(−). This pin can also function as a general-purpose output bit referenced between AVDD and GND.
6
AIN6(−)/P2
Analog Input/Digital Output Pin. AIN6(−) is the negative terminal of the differential analog input pair,
AIN6(+)/AIN6(−). This pin can also function as a general-purpose output bit referenced between AVDD and GND.
7
AIN1(+)
Analog Input. AIN1(+) is the positive terminal of the differential analog input pair, AIN1(+)/AIN1(−).
8
AIN1(−)
Analog Input. AIN1(−) is the negative terminal of the differential analog input pair, AIN1(+)/AIN1(−).
9
AIN2(+)
Analog Input. AIN2(+) is the positive terminal of the differential analog input pair, AIN2(+)/AIN2(−).
10
AIN2(−)
Analog Input. AIN2(−) is the negative terminal of the differential analog input pair, AIN2(+)/AIN2(−).
11
AIN3(+)
Analog Input. AIN3(+) is the positive terminal of the differential analog input pair, AIN3(+)/AIN3(−).
12
AIN3(−)
Analog Input. AIN3(−) is the negative terminal of the differential analog input pair, AIN3(+)/AIN3(−).
13
REFIN1(+)
Positive Reference Input. An external reference can be applied between REFIN1(+) and REFIN1(−). REFIN1(+)
can lie anywhere between AVDD and GND + 0.1 V. The nominal reference voltage, (REFIN1(+) − REFIN1(−)), is
2.5 V, but the part functions with a reference from 0.1 V to AVDD.
14
REFIN1(−)
Negative Reference Input. This reference input can lie anywhere between GND and AVDD − 0.1 V.
15
AIN5(+)/IOUT2
Analog Input/Output of Internal Excitation Current Source. AIN5(+) is the positive terminal of the differential
analog input pair AIN5(+)/AIN5(−). Alternatively, the internal excitation current source can be made available at
this pin and is programmable so that the current can be 10 μA, 210 μA, or 1 mA. Either IEXC1 or IEXC2 can be
switched to this output.
16
AIN5(−)/IOUT1
Analog Input/Output of Internal Excitation Current Source. AIN5(−) is the negative terminal of the
differential analog input pair, AIN5(+)/AIN5(−). Alternatively, the internal excitation current source can be
made available at this pin and is programmable so that the current can be 10 μA, 210 μA, or 1 mA. Either
IEXC1 or IEXC2 can be switched to this output.
17
AIN4(+)/REFIN2(+)
Analog Input/Positive Reference Input. AIN4(+) is the positive terminal of the differential analog input pair
AIN4(+)/AIN4(−). This pin also functions as a positive reference input for REFIN2. REFIN2(+) can lie anywhere
between AVDD and GND + 0.1 V. The nominal reference voltage (REFIN2(+) to REFIN2(−)) is 2.5 V, but the part
functions with a reference from 0.1 V to AVDD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com