Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EVAL-AD7795EB Datasheet(PDF) 15 Page - Analog Devices

Part # EVAL-AD7795EB
Description  6-Channel, Low Noise, Low Power, 24-/16-Bit 誇-? ADC with On-Chip In-Amp and Reference
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-AD7795EB Datasheet(HTML) 15 Page - Analog Devices

Back Button EVAL-AD7795EB Datasheet HTML 11Page - Analog Devices EVAL-AD7795EB Datasheet HTML 12Page - Analog Devices EVAL-AD7795EB Datasheet HTML 13Page - Analog Devices EVAL-AD7795EB Datasheet HTML 14Page - Analog Devices EVAL-AD7795EB Datasheet HTML 15Page - Analog Devices EVAL-AD7795EB Datasheet HTML 16Page - Analog Devices EVAL-AD7795EB Datasheet HTML 17Page - Analog Devices EVAL-AD7795EB Datasheet HTML 18Page - Analog Devices EVAL-AD7795EB Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 36 page
background image
AD7794/AD7795
Rev. D | Page 15 of 36
CHOP DISABLED
With chop disabled, the switching time or settling time is
reduced by a factor of two. However, periodic offset calibrations
may now be required to remove offset and offset drift. When
chop is disabled, the AMP-CM bit in the mode register should
be set to 1. This limits the allowable common-mode voltage that
can be used. However, the common-mode rejection degrades if
the bit is not set.
Table 11 shows the rms noise of the AD7794/AD7795 for some
of the update rates and gain settings with chop disabled.
The numbers given are for the bipolar input range with the
internal 1.17 V reference. These numbers are typical and are
generated with a differential input voltage of 0 V.
Table 12 and Table 13 show the effective resolution while the
output peak-to-peak (p-p) resolution is listed in brackets. It is
important to note that the effective resolution is calculated
using the rms noise, while the p-p resolution is calculated based
on peak-to-peak noise. The p-p resolution represents the
resolution for which there is no code flicker. These numbers are
typical and rounded to the nearest LSB.
Table 11. RMS Noise (μV) vs. Gain and Output Update Rate Using an Internal 1.17 V Reference with Chop Disabled
Update Rate (Hz)
Gain of 1
Gain of 2
Gain of 4
Gain of 8
Gain of 16
Gain of 32
Gain of 64
Gain of 128
4.17
1.22
0.98
0.33
0.18
0.13
0.062
0.053
0.051
8.33
1.74
1.53
0.49
0.29
0.21
0.1
0.079
0.07
16.7
2.64
2.44
0.79
0.48
0.33
0.16
0.13
0.12
33.2
4.55
3.52
1.11
0.66
0.46
0.21
0.17
0.16
62
5.03
4.45
1.47
0.81
0.58
0.27
0.2
0.22
123
8.13
7.24
2.27
1.33
0.96
0.48
0.36
0.37
242
15.12
13.18
3.77
2.09
1.45
0.64
0.5
0.47
470
17.18
14.63
8.86
2.96
1.92
0.89
0.69
0.7
Table 12.
Effective Resolution (Bits) vs. Gain and Output Update Rate for the AD7794 Using an Internal 1.17 V Reference with Chop Disabled
Update Rate (Hz)
Gain of 1
Gain of 2
Gain of 4
Gain of 8
Gain of 16
Gain of 32
Gain of 64
Gain of 128
4.17
21 (18.5)
20 (17.5)
21 (18.5)
20.5 (18)
20 (17.5)
20 (17.5)
19.5 (17)
18.5 (16)
8.33
20.5 (18)
19.5 (17)
20 (17.5)
20 (17.5)
19.5 (17)
19.5 (17)
19 (16.5)
18 (15.5)
16.7
20 (17.5)
19 (16.5)
19.5 (17)
19 (16.5)
19 (16.5)
19 (16.5)
18 (15.5)
17 (14.5)
33.2
19 (16.5)
18.5 (16)
19 (16.5)
19 (16.5)
18.5 (16)
18.5 (16)
17.5 (15)
17 (14.5)
62
19 (16.5)
18 (15.5)
18.5 (16)
18.5 (16)
18 (15.5)
18 (15.5)
17.5 (15)
16.5 (14)
123
18 (15.5)
17.5 (15)
18 (15.5)
17.5 (15)
17 (14.5)
17 (14.5)
16.5 (14)
15.5 (13)
242
17 (14.5)
16.5 (14)
17 (14.5)
17 (14.5)
16.5 (14)
17 (14.5)
16 (13.5)
15 (12.5)
470
17 (14.5)
16.5 (14)
16 (13.5)
16.5 (14)
16 (13.5)
16.5 (14)
15.5 (13)
14.5 (12)
Table 13.
Effective Resolution (Bits) vs. Gain and Output Update Rate for the AD7795 Using an Internal 1.17 V Reference with Chop Disabled
Update Rate (Hz)
Gain of 1
Gain of 2
Gain of 4
Gain of 8
Gain of 16
Gain of 32
Gain of 64
Gain of 128
4.17
16 (16)
16 (16)
16 (16)
16 (16)
16 (16)
16 (16)
16 (16)
16 (16)
8.33
16 (16)
16 (16)
16 (16)
16 (16)
16 (16)
16 (16)
16 (16)
16 (15.5)
16.7
16 (16)
16 (16)
16 (16)
16 (16)
16 (16)
16 (16)
16 (15.5)
16 (14.5)
33.2
16 (16)
16 (16)
16 (16)
16 (16)
16 (16)
16 (16)
16 (15)
16 (14.5)
62
16 (16)
16 (15.5)
16 (16)
16 (16)
16 (15.5)
16 (15.5)
16 (15)
16 (14)
123
16 (15.5)
16 (15)
16 (15.5)
16 (15)
16 (14.5)
16 (14.5)
16 (14)
15.5 (13)
242
16 (14.5)
16 (14)
16 (14.5)
16 (14.5)
16 (14)
16 (14.5)
16 (13.5)
15 (12.5)
470
16 (14.5)
16 (14)
16 (13.5)
16 (14)
16 (13.5)
16 (14)
15.5 (13)
14.5 (12)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com