Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EVAL-AD7795EB Datasheet(PDF) 36 Page - Analog Devices

Part # EVAL-AD7795EB
Description  6-Channel, Low Noise, Low Power, 24-/16-Bit 誇-? ADC with On-Chip In-Amp and Reference
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-AD7795EB Datasheet(HTML) 36 Page - Analog Devices

Back Button EVAL-AD7795EB Datasheet HTML 28Page - Analog Devices EVAL-AD7795EB Datasheet HTML 29Page - Analog Devices EVAL-AD7795EB Datasheet HTML 30Page - Analog Devices EVAL-AD7795EB Datasheet HTML 31Page - Analog Devices EVAL-AD7795EB Datasheet HTML 32Page - Analog Devices EVAL-AD7795EB Datasheet HTML 33Page - Analog Devices EVAL-AD7795EB Datasheet HTML 34Page - Analog Devices EVAL-AD7795EB Datasheet HTML 35Page - Analog Devices EVAL-AD7795EB Datasheet HTML 36Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 36 / 36 page
background image
AD7794/AD7795
Rev. D | Page 36 of 36
OUTLINE DIMENSIONS
24
13
12
1
6.40 BSC
4.50
4.40
4.30
PIN 1
7.90
7.80
7.70
0.15
0.05
0.30
0.19
0.65
BSC
1.20
MAX
0.20
0.09
0.75
0.60
0.45
8°
0°
SEATING
PLANE
0.10 COPLANARITY
COMPLIANT TO JEDEC STANDARDS MO-153-AD
Figure 25. 24-Lead Thin Shrink Small Outline Package [TSSOP]
(RU-24)
Dimensions shown in millimeters
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
AD7794BRU
–40°C to +105°C
24-Lead Thin Shrink Small Outline Package [TSSOP]
RU-24
AD7794BRU-REEL
–40°C to +105°C
24-Lead Thin Shrink Small Outline Package [TSSOP]
RU-24
AD7794BRUZ1
–40°C to +105°C
24-Lead Thin Shrink Small Outline Package [TSSOP]
RU-24
AD7794BRUZ-REEL1
–40°C to +105°C
24-Lead Thin Shrink Small Outline Package [TSSOP]
RU-24
AD7794CRUZ1
–40°C to +125°C
24-Lead Thin Shrink Small Outline Package [TSSOP]
RU-24
AD7794CRUZ-REEL1
–40°C to +125°C
24-Lead Thin Shrink Small Outline Package [TSSOP]
RU-24
AD7795BRUZ1
–40°C to +105°C
24-Lead Thin Shrink Small Outline Package [TSSOP]
RU-24
AD7795BRUZ-REEL1
–40°C to +105°C
24-Lead Thin Shrink Small Outline Package [TSSOP]
RU-24
EVAL-AD7794EB
Evaluation Board
EVAL-AD7795EB
Evaluation Board
1 Z = RoHS Compliant Part.
©2004-2007 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D04854-0-3/07(D)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com