Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST10R167-Q3 Datasheet(PDF) 53 Page - STMicroelectronics

Part # ST10R167-Q3
Description  16-BIT ROMLESS MCU
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10R167-Q3 Datasheet(HTML) 53 Page - STMicroelectronics

Back Button ST10R167-Q3 Datasheet HTML 49Page - STMicroelectronics ST10R167-Q3 Datasheet HTML 50Page - STMicroelectronics ST10R167-Q3 Datasheet HTML 51Page - STMicroelectronics ST10R167-Q3 Datasheet HTML 52Page - STMicroelectronics ST10R167-Q3 Datasheet HTML 53Page - STMicroelectronics ST10R167-Q3 Datasheet HTML 54Page - STMicroelectronics ST10R167-Q3 Datasheet HTML 55Page - STMicroelectronics ST10R167-Q3 Datasheet HTML 56Page - STMicroelectronics ST10R167-Q3 Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 63 page
background image
ST10R167
53/63
Notes 1. Guaranteed by design characterization.
2. RW-delay and tA refer to the next following bus cycle.
3. Read data is latched with the same clock edge that triggers the address change and the rising RD edge. Therefore address
changes before the end of RD have no impact on read cycles.
t43
CC
ALE falling edge to RdCS, WrCS
(no RW-delay)
-4 + tA
–
-4 + tA
–ns
t46
SR
RdCS to Valid Data In (with
RW-delay)
–
16 + tC
–
2TCL - 24 + tC
ns
t47
SR
RdCS to Valid Data In (no
RW-delay)
–
36 + tC
–
3TCL - 24 + tC
ns
t48
CC
RdCS, WrCS Low Time (with
RW-delay)
30 + tC
–
2TCL - 10 + tC
–ns
t49
CC
RdCS, WrCS Low Time (no
RW-delay)
50 + tC
–
3TCL - 10 + tC
–ns
t50
CC
Data valid to WrCS
26 + tC
–
2TCL - 14 + tC
–ns
t51
SR
Data hold after RdCS
0–
0
–
ns
t53
1
SR
Data float after RdCS (with
RW-delay)
–20 + tF
–
2TCL - 20 + tF
ns
t68
1
SR
Data float after RdCS (no RW-delay)
–0 + tF
–
TCL - 20 + tF
ns
t55
CC
Address hold after RdCS, WrCS
-10 + tF
–
-10 + tF
–ns
t57
CC
Data hold after WrCS
6 + tF
–
TCL - 14 + tF
–ns
Table 19 : Demultiplexed bus characteristics (continued)
Symbol
Parameter
Max. CPU Clock
= 25MHz
Variable CPU Clock
1/2TCL = 1 to 25MHz
Unit
Min.
Max.
Min.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com