Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST10R167-Q3 Datasheet(PDF) 44 Page - STMicroelectronics

Part # ST10R167-Q3
Description  16-BIT ROMLESS MCU
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10R167-Q3 Datasheet(HTML) 44 Page - STMicroelectronics

Back Button ST10R167-Q3 Datasheet HTML 40Page - STMicroelectronics ST10R167-Q3 Datasheet HTML 41Page - STMicroelectronics ST10R167-Q3 Datasheet HTML 42Page - STMicroelectronics ST10R167-Q3 Datasheet HTML 43Page - STMicroelectronics ST10R167-Q3 Datasheet HTML 44Page - STMicroelectronics ST10R167-Q3 Datasheet HTML 45Page - STMicroelectronics ST10R167-Q3 Datasheet HTML 46Page - STMicroelectronics ST10R167-Q3 Datasheet HTML 47Page - STMicroelectronics ST10R167-Q3 Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 63 page
background image
ST10R167
44/63
The real minimum value for TCL depends on the
jitter of the PLL. The PLL tunes FCPU to keep it
locked on FXTAL. The relative deviation of TCL is
the maximum when it is refered to one TCL
period. It decreases according to the formula and
to the Figure 12 given below. For
N periods of
TCL the minimum value is computed using the
corresponding deviation DN:
where
N = number of consecutive TCL periods
and 1
≤ N ≤ 40. So for a duration of 3 TCL periods
(N = 3):
D3
= 4 - 3/15 = 3.8%
3TCLmin = 3TCLNOM x (1 - 3.8/100)
= 3TCLNOM x 0.962
3TCLmin = (57.72ns at fCPU = 25MHz)
This is especially important for bus cycles using
wait states and for the operation of timers, serial
interfaces, etc. For all slower operations and
longer periods (e.g. pulse train generation or
measurement,
lower
Baud
rates,
etc.)
the
deviation caused by the PLL jitter is negligible.
XX.4.7 - Memory cycle variables
The tables below use three variables which are derived from the BUSCONx registers and represent the
special characteristics of the programmed memory cycle. The following table describes how these
variables are to be computed.
TCL
MIN
TCL
NOM
1
D
N
100
-------------
–




×
=
D
N
4N 15
) %
[]
⁄
–
(
±
=
Figure 12 : Approximated maximum PLL jitter
Symbol
Description
Values
tA
ALE Extension
TCL * <ALECTL>
tC
Memory Cycle Time wait states
2TCL * (15 - <MCTC>)
tF
Memory Tristate Time
2TCL * (1 - <MTTC>)
32
16
8
4
2
±1
±2
±3
±4
Max.jitter [%]
N
This approximated formula is valid for
1
≤ N ≤ 40 and 10MHz ≤ f
CPU ≤ 25MHz.
XX - ELECTRICAL CHARACTERISTICS (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com