Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST10R167-Q3 Datasheet(PDF) 34 Page - STMicroelectronics

Part # ST10R167-Q3
Description  16-BIT ROMLESS MCU
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10R167-Q3 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button ST10R167-Q3 Datasheet HTML 30Page - STMicroelectronics ST10R167-Q3 Datasheet HTML 31Page - STMicroelectronics ST10R167-Q3 Datasheet HTML 32Page - STMicroelectronics ST10R167-Q3 Datasheet HTML 33Page - STMicroelectronics ST10R167-Q3 Datasheet HTML 34Page - STMicroelectronics ST10R167-Q3 Datasheet HTML 35Page - STMicroelectronics ST10R167-Q3 Datasheet HTML 36Page - STMicroelectronics ST10R167-Q3 Datasheet HTML 37Page - STMicroelectronics ST10R167-Q3 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 63 page
background image
ST10R167
34/63
IDPROG
F078h
E
3Ch
Programming Voltage Identifier Register
9A40h1
MDC
b
FF0Eh
87h
CPU Multiply Divide Control Register
0000h
MDH
FE0Ch
06h
CPU Multiply Divide Register – High Word
0000h
MDL
FE0Eh
07h
CPU Multiply Divide Register – Low Word
0000h
ODP2
b
F1C2h
E
E1h
Port 2 Open Drain Control Register
0000h
ODP3
b
F1C6h
E
E3h
Port 3 Open Drain Control Register
0000h
ODP6
b
F1CEh
E
E7h
Port 6 Open Drain Control Register
00h
ODP7
b
F1D2h
E
E9h
Port 7 Open Drain Control Register
00h
ODP8
b
F1D6h
E
EBh
Port 8 Open Drain Control Register
00h
ONES
FF1Eh
8Fh
Constant Value 1’s Register (read only)
FFFFh
P0L
b
FF00h
80h
Port 0 Low Register (Lower half of Port0)
00h
P0H
b
FF02h
81h
Port 0 High Register (Upper half of Port0)
00h
P1L
b
FF04h
82h
Port 1 Low Register (Lower half of Port1)
00h
P1H
b
FF06h
83h
Port 1 High Register (Upper half of Port1)
00h
P2
b
FFC0h
E0h
Port 2 Register
0000h
P3
b
FFC4h
E2h
Port 3 Register
0000h
P4
b
FFC8h
E4h
Port 4 Register (8 bit)
00h
P5
b
FFA2h
D1h
Port 5 Register (read only)
XXXXh
P6
b
FFCCh
E6h
Port 6 Register (8 bit)
00h
P7
b
FFD0h
E8h
Port 7 Register (8 bit)
00h
P8
b
FFD4h
EAh
Port 8 Register (8 bit)
00h
PECC0
FEC0h
60h
PEC Channel 0 Control Register
0000h
PECC1
FEC2h
61h
PEC Channel 1 Control Register
0000h
PECC2
FEC4h
62h
PEC Channel 2 Control Register
0000h
PECC3
FEC6h
63h
PEC Channel 3 Control Register
0000h
PECC4
FEC8h
64h
PEC Channel 4 Control Register
0000h
PECC5
FECAh
65h
PEC Channel 5 Control Register
0000h
PECC6
FECCh
66h
PEC Channel 6 Control Register
0000h
PECC7
FECEh
67h
PEC Channel 7 Control Register
0000h
PICON
F1C4h
E
E2h
Port Input Threshold Control Register
0000h
PP0
F038h
E
1Ch
PWM Module Period Register 0
0000h
PP1
F03Ah
E
1Dh
PWM Module Period Register 1
0000h
PP2
F03Ch
E
1Eh
PWM Module Period Register 2
0000h
PP3
F03Eh
E
1Fh
PWM Module Period Register 3
0000h
PSW
b
FF10h
88h
CPU Program Status Word
0000h
PT0
F030h
E
18h
PWM Module Up/Down Counter 0
0000h
PT1
F032h
E
19h
PWM Module Up/Down Counter 1
0000h
Table 14 : Special function registers listed by name (continued)
Name
Physical
address
8-bit
address
Description
Reset
value
XIX - SPECIAL FUNCTION REGISTER OVERVIEW (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com