Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST10R167-Q3 Datasheet(PDF) 9 Page - STMicroelectronics

Part # ST10R167-Q3
Description  16-BIT ROMLESS MCU
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10R167-Q3 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button ST10R167-Q3 Datasheet HTML 5Page - STMicroelectronics ST10R167-Q3 Datasheet HTML 6Page - STMicroelectronics ST10R167-Q3 Datasheet HTML 7Page - STMicroelectronics ST10R167-Q3 Datasheet HTML 8Page - STMicroelectronics ST10R167-Q3 Datasheet HTML 9Page - STMicroelectronics ST10R167-Q3 Datasheet HTML 10Page - STMicroelectronics ST10R167-Q3 Datasheet HTML 11Page - STMicroelectronics ST10R167-Q3 Datasheet HTML 12Page - STMicroelectronics ST10R167-Q3 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 63 page
background image
ST10R167
9/63
RSTOUT
141
O
Internal Reset Indication Output. This pin is set to a low level when the
part is executing either a hardware-, a software- or a watchdog-timer
reset. RSTOUT remains low until the EINIT (end of initialization) instruc-
tion is executed.
NMI
142
I
Non-Maskable Interrupt Input. A high to low transition at this pin causes
the CPU to vector to the NMI trap routine. If bit PWDCFG = ‘0’ in
SYSCON register, when the PWRDN (power down) instruction is exe-
cuted, the NMI pin must be low in order to force the ST10R167 to go into
power down mode. If NMI is high and PWDCFG =’0’, when PWRDN is
executed, the part will continue to run in normal mode.
If not used, pin NMI should be pulled high externally.
VAREF
37
-
Reference voltage for the A/D converter.
VAGND
38
-
Reference ground for the A/D converter.
RPD
84
-
This pin is used as the timing pin for the return from powerdown circuit
and power-up asynchronous reset.
VDD
17, 46, 56,
72, 82, 93,
109, 126,
136, 144
-
Digital Supply Voltage:
= + 5V during normal operation and idle mode.
> + 2.5V during power down mode
VSS
18, 45, 55,
71, 83, 94,
110, 127,
139, 143
-
Digital Ground.
Table 1 : Pin list (continued)
Symbol
Pin
Type
Function
II - PIN DATA (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com