Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP3911A0-E/ML Datasheet(PDF) 3 Page - Microchip Technology

Part # MCP3911A0-E/ML
Description  3.3V Two-Channel Analog Front End
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3911A0-E/ML Datasheet(HTML) 3 Page - Microchip Technology

  MCP3911A0-E/ML Datasheet HTML 1Page - Microchip Technology MCP3911A0-E/ML Datasheet HTML 2Page - Microchip Technology MCP3911A0-E/ML Datasheet HTML 3Page - Microchip Technology MCP3911A0-E/ML Datasheet HTML 4Page - Microchip Technology MCP3911A0-E/ML Datasheet HTML 5Page - Microchip Technology MCP3911A0-E/ML Datasheet HTML 6Page - Microchip Technology MCP3911A0-E/ML Datasheet HTML 7Page - Microchip Technology MCP3911A0-E/ML Datasheet HTML 8Page - Microchip Technology MCP3911A0-E/ML Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 72 page
background image
© 2012 Microchip Technology Inc.
DS22286A-page 3
MCP3911
1.0
ELECTRICAL
CHARACTERISTICS
ABSOLUTE MAXIMUM RATINGS †
V
DD ..................................................................... -0.3V to 4.0V
Digital inputs and outputs w.r.t. AGND................ --0.3V to 4.0V
Analog input w.r.t. AGND..................................... ....-2V to +2V
VREF input w.r.t. AGND ............................... -0.6V to VDD +0.6V
Storage temperature .....................................-65°C to +150°C
Ambient temp. with power applied ................-65°C to +125°C
Soldering temperature of leads (10 seconds) ............. +300°C
ESD on the analog inputs (HBM,MM) ................. 4.0 kV, 200V
ESD on all other pins (HBM,MM) ........................ 4.0 kV, 200V
† Notice: Stresses above those listed under “Absolute Maxi-
mum Ratings” may cause permanent damage to the device.
This is a stress rating only and functional operation of the
device at those or any other conditions, above those indi-
cated in the operational listings of this specification, is not
implied. Exposure to maximum rating conditions for extended
periods may affect device reliability.
1.1
ELECTRICAL SPECIFICATIONS
TABLE 1-1:
ANALOG SPECIFICATIONS TARGET TABLE
Electrical Specifications: Unless otherwise indicated, all parameters apply at AVDD = DVDD = 2.7V to 3.6V, MCLK =
4 MHz; PRE<1:0> = 00; OSR = 256; GAIN = 1; VREFEXT=0, CLKEXT=1, AZ_FREQ=0, DITHER<1:0>=11,
BOOST<1:0> = 10; VCM=0V; TA = -40°C to +125°C; VIN = 1.2 VPP = 424 mVRMS @ 50/60 Hz on both channels.
Sym
Characteristic
Min
Typ
Max
Units
Test Conditions
ADC Performance
Resolution (No Missing
Codes)
24
--
--
bits
OSR = 256 or greater
fS(DMCLK)
Sampling Frequency
1
4
MHz
For maximum condi-
tion, BOOST<1:0> = 11
fD(DRCLK)
Output Data Rate
4
125
ksps
For maximum condi-
tion, BOOST<1:0> = 11,
OSR = 32
CH0+/-
Analog Input Absolute Voltage
on CH0+, CH0-, CH1+, CH1-
pins
-1
+1
V
All analog input
channels, measured to
AGND
IIN
Analog Input Leakage Current
+/-1
nA
RESET<1:0>=11, MCLK
running continuously
(CHn+-CHn-) Differential Input Voltage
Range
-600/GAIN
+600/ GAIN
mV
VREF=1.2V,
proportional to VREF
VOS
Offset Error
-1
0.2
+1
mV
(Note 4)
Offset Error Drift
0.5
µV/°C
GE
Gain Error
-4
+4
%
(Note 4)
Note 1:
This specification implies that the ADC output is valid over this entire differential range and that there is no distortion or
instability across this input range. Dynamic Performance specified at -0.5 dB below the maximum signal range, VIN =
1.2VPP = 424 mVRMS, VREF = 1.2V @ 50/60 Hz. See terminology section for definition. This parameter is established
by characterization and not 100% tested. See performance graphs for other than default settings provided here.
2:
For these operating currents the following configuration bit settings apply: SHUTDOWN<1:0>=00, RESET<1:0>=00,
VREFEXT=0, CLKEXT=0.
3:
For these operating currents the following configuration bit settings apply: SHUTDOWN<1:0>=11, VREFEXT=1,
CLKEXT=1.
4:
Applies to all gains. Offset and gain errors depend on PGA gain setting, see typical performance curves for typical per-
formance.
5:
Outside of this range, ADC accuracy is not specified. An extended input range of +/-2 V can be applied continuously to
the part with no damage.
6:
For proper operation, and for optimizing ADC accuracy, AMCLK should be limited to the maximum frequency defined in
the Table 5-2 as a function of the BOOST and PGA setting chosen. MCLK can take larger values as long as the pres-
caler settings (PRE<1:0>) limit AMCLK=MCLK/PRESCALE in the defined range in the Table 5-2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com