Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP3911A0-E/ML Datasheet(PDF) 49 Page - Microchip Technology

Part # MCP3911A0-E/ML
Description  3.3V Two-Channel Analog Front End
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3911A0-E/ML Datasheet(HTML) 49 Page - Microchip Technology

Back Button MCP3911A0-E/ML Datasheet HTML 45Page - Microchip Technology MCP3911A0-E/ML Datasheet HTML 46Page - Microchip Technology MCP3911A0-E/ML Datasheet HTML 47Page - Microchip Technology MCP3911A0-E/ML Datasheet HTML 48Page - Microchip Technology MCP3911A0-E/ML Datasheet HTML 49Page - Microchip Technology MCP3911A0-E/ML Datasheet HTML 50Page - Microchip Technology MCP3911A0-E/ML Datasheet HTML 51Page - Microchip Technology MCP3911A0-E/ML Datasheet HTML 52Page - Microchip Technology MCP3911A0-E/ML Datasheet HTML 53Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 72 page
background image
© 2012 Microchip Technology Inc.
DS22286A-page 49
MCP3911
6.9
Data Ready Pin (DR)
To signify when channel data is ready for transmission,
the data ready signal is available on the Data Ready pin
(DR) through an active-low pulse at the end of a
channel conversion.
The data ready pin outputs an active-low pulse with a
period that is equal to the DRCLK clock period, and
with a width equal to one DMCLK period.
When not active-low, this pin can either be in high-
impedance (when DR_HIZ = 0) or in a defined logic
high state (when DR_HIZ = 1). This is controlled
through the STATUSCOM register. This allows multiple
devices to share the same data ready pin (with a
pull-up resistor connected between DR and DVDD) in
3-phase, energy meter designs to reduce pin count. A
single device on the bus does not require a pull-up
resistor and therefore it is recommended to use
DR_HIZ = 1 configuration for such applications.
After a data ready pulse has occurred, the ADC output
data can be read through SPI communication. Two sets
of latches at the output of the ADC prevent the
communication from outputting corrupted data (see
Section 6.10 “ADC Data Latches and Data Ready
Modes (DRMODE<1:0>)”).
The CS pin has no effect on the DR pin, which means
even if CS is logic high, data ready pulses will be pro-
vided (except when the configuration prevents them
from outputting data ready pulses). The DR pin can be
used as an interrupt when connected to an MCU or
DSP. While the RESET pin is logic low, the DR pin is
not active.
6.10
ADC Data Latches and Data Ready
Modes (DRMODE<1:0>)
To ensure that both channels’ ADC data is present at
the same time for SPI read, regardless of phase delay
settings for either or both channels, there are two sets
of ADC data latches in series with both the data ready
and the ‘read start’ triggers.
The first set of latches holds each output when the data
is ready and latches both outputs together when
DRMODE<1:0> = 00. When this mode is on, both
ADCs work together and produce one set of available
data after each data ready pulse (that corresponds to
the lagging ADC data ready). The second set of latches
ensures that when reading starts on an ADC output, the
corresponding data is latched so that no data
corruption can occur.
If an ADC read has started, in order to read the
following ADC output, the current reading needs to be
completed (all bits must be read from the ADC Output
Data registers).
6.10.1
DATA READY PIN (DR) CONTROL
USING DRMODE BITS
There are four modes that control the data ready
pulses
and
these
modes
are
set
with
the
DRMODE<1:0> bits in the STATUSCOM register. For
power metering applications, DRMODE<1:0> = 00 is
recommended (Default mode).
The position of the data ready pulses vary, with respect
to this mode, to the OSR and to the PHASE settings:
• DRMODE<1:0> = 11: Both data ready pulses
from ADC Channel 0 and ADC Channel 1 are
output on the DR pin.
• DRMODE<1:0> = 10: Data ready pulses from
ADC Channel 1 are output on the DR pin. The
data ready pulse from ADC Channel 0 is not
present on the pin.
• DRMODE<1:0> = 01: Data ready pulses from
ADC Channel 0 are output on the DR pin. The
data ready pulse from ADC Channel 1 is not
present on the pin.
• DRMODE<1:0> = 00 (Recommended and
Default mode): Data ready pulses from the
lagging ADC between the two are output on the
DR pin. The lagging ADC depends on the PHASE
register and on the OSR. In this mode, the two
ADCs are linked together so their data is latched
together when the lagging ADC output is ready.
6.10.2
DATA READY PULSES WITH
SHUTDOWN OR RESET
CONDITIONS
There will be no data ready pulses if DRMODE<1:0> =
00
when either one or both of the ADCs are in Reset or
shutdown. In Mode 0,0, a data ready pulse only hap-
pens when both ADCs are ready. Any data ready pulse
will correspond to one data on both ADCs. The two
ADCs are linked together and act as if there was only
one channel with the combined data of both ADCs.
This mode is very practical when both ADC channels’
data retrieval and processing need to be synchronized,
as in power metering applications.
Figure 6-9 represents the behavior of the data ready
pin with the different DRMODE configurations, while
shutdown or reset are applied.
Note:
If DRMODE<1:0> = 11, the user will still
be able to retrieve the data ready pulse for
the ADC not in shutdown or Reset (i.e.,
only 1 ADC channel needs to be awake).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com