Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP3911A0-E/ML Datasheet(PDF) 4 Page - Microchip Technology

Part # MCP3911A0-E/ML
Description  3.3V Two-Channel Analog Front End
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3911A0-E/ML Datasheet(HTML) 4 Page - Microchip Technology

  MCP3911A0-E/ML Datasheet HTML 1Page - Microchip Technology MCP3911A0-E/ML Datasheet HTML 2Page - Microchip Technology MCP3911A0-E/ML Datasheet HTML 3Page - Microchip Technology MCP3911A0-E/ML Datasheet HTML 4Page - Microchip Technology MCP3911A0-E/ML Datasheet HTML 5Page - Microchip Technology MCP3911A0-E/ML Datasheet HTML 6Page - Microchip Technology MCP3911A0-E/ML Datasheet HTML 7Page - Microchip Technology MCP3911A0-E/ML Datasheet HTML 8Page - Microchip Technology MCP3911A0-E/ML Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 72 page
background image
MCP3911
DS22286A-page 4
© 2012 Microchip Technology Inc.
Gain Error Drift
1
ppm/°C
INL
Integral Non-Linearity
5
ppm
ZIN
Differential Input Impedance
232
—
—
k
Ω
G=1, proportional to 1/
AMCLK
142
—
—
k
Ω
G=2, proportional to 1/
AMCLK
72
—
—
k
Ω
G=4, proportional to 1/
AMCLK
38
—
—
k
Ω
G=8, proportional to 1/
AMCLK
36
—
—
k
Ω
G=16, proportional to 1/
AMCLK
33
—
—
k
Ω
G=32, proportional to 1/
AMCLK
SINAD
Signal-to-Noise and Distortion
Ratio (Note 1)
92
94.5
—
dB
THD
Total Harmonic Distortion
(Note 1)
-106.5
-103
dBc
Includes the first 35 har-
monics
SNR
Signal to Noise Ratio (Note 1)
92
95
dB
SFDR
Spurious Free Dynamic Range
(Note 1)
111
dBFS
CTALK
Crosstalk (50, 60 Hz)
—
-122
—
dB
AC PSRR
AC Power Supply Rejection
—
-73
—
dB
AVDD = DVDD = 3.3V +
0.6Vpp, 50/60 Hz,
100/120 Hz
DC PSRR
DC Power Supply Rejection
—
-73
—
dB
AVDD = DVDD = 2.7V to
3.6V
DC CMRR
DC Common Mode Rejection
—
-105
—
dB
VCM from -1V to +1V
Internal Voltage Reference
VREF
Tolerance
1.176
1.2
1.224
V
VREFEXT = 0, TA =
25°C only
TCVREF
Temperature Coefficient
—
7
—
ppm/°C TA = -40°C to +125°C,
VREFEXT = 0
TABLE 1-1:
ANALOG SPECIFICATIONS TARGET TABLE (CONTINUED)
Electrical Specifications: Unless otherwise indicated, all parameters apply at AVDD = DVDD = 2.7V to 3.6V, MCLK =
4 MHz; PRE<1:0> = 00; OSR = 256; GAIN = 1; VREFEXT=0, CLKEXT=1, AZ_FREQ=0, DITHER<1:0>=11,
BOOST<1:0> = 10; VCM=0V; TA = -40°C to +125°C; VIN = 1.2 VPP = 424 mVRMS @ 50/60 Hz on both channels.
Sym
Characteristic
Min
Typ
Max
Units
Test Conditions
Note 1:
This specification implies that the ADC output is valid over this entire differential range and that there is no distortion or
instability across this input range. Dynamic Performance specified at -0.5 dB below the maximum signal range, VIN =
1.2VPP = 424 mVRMS, VREF = 1.2V @ 50/60 Hz. See terminology section for definition. This parameter is established
by characterization and not 100% tested. See performance graphs for other than default settings provided here.
2:
For these operating currents the following configuration bit settings apply: SHUTDOWN<1:0>=00, RESET<1:0>=00,
VREFEXT=0, CLKEXT=0.
3:
For these operating currents the following configuration bit settings apply: SHUTDOWN<1:0>=11, VREFEXT=1,
CLKEXT=1.
4:
Applies to all gains. Offset and gain errors depend on PGA gain setting, see typical performance curves for typical per-
formance.
5:
Outside of this range, ADC accuracy is not specified. An extended input range of +/-2 V can be applied continuously to
the part with no damage.
6:
For proper operation, and for optimizing ADC accuracy, AMCLK should be limited to the maximum frequency defined in
the Table 5-2 as a function of the BOOST and PGA setting chosen. MCLK can take larger values as long as the pres-
caler settings (PRE<1:0>) limit AMCLK=MCLK/PRESCALE in the defined range in the Table 5-2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com