Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP3911A0-E/ML Datasheet(PDF) 6 Page - Microchip Technology

Part # MCP3911A0-E/ML
Description  3.3V Two-Channel Analog Front End
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3911A0-E/ML Datasheet(HTML) 6 Page - Microchip Technology

Back Button MCP3911A0-E/ML Datasheet HTML 2Page - Microchip Technology MCP3911A0-E/ML Datasheet HTML 3Page - Microchip Technology MCP3911A0-E/ML Datasheet HTML 4Page - Microchip Technology MCP3911A0-E/ML Datasheet HTML 5Page - Microchip Technology MCP3911A0-E/ML Datasheet HTML 6Page - Microchip Technology MCP3911A0-E/ML Datasheet HTML 7Page - Microchip Technology MCP3911A0-E/ML Datasheet HTML 8Page - Microchip Technology MCP3911A0-E/ML Datasheet HTML 9Page - Microchip Technology MCP3911A0-E/ML Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 72 page
background image
MCP3911
DS22286A-page 6
© 2012 Microchip Technology Inc.
1.2
SERIAL INTERFACE CHARACTERISTICS
TABLE 1-2:
SERIAL DC CHARACTERISTICS TABLE
Electrical Specifications: Unless otherwise indicated, all parameters apply at DVDD = 2.7 to 3.6V, TA = -40°C to
+125°C, CLOAD = 30pF, applies to all digital I/O.
Sym
Characteristics
Min
Typ
Max
Units
Test Conditions
VIH
High-level Input voltage
0.7 DVDD
—
V
Schmitt Triggered
VIL
Low-level Input voltage
—
0.3 DVDD
V
Schmitt Triggered
ILI
Input leakage current
—
—
±1
µA
CS = DVDD, VIN = DGND TO
DVDD
ILO
Output leakage current
—
—
±1
µA
CS = DVDD, VOUT = DGND OR
DVDD
VHYS
Hysteresis of Schmitt Trig-
ger Inputs
—200
mV
(Note 2), DVDD = 3.3V only
VOL
Low-level output
voltage
——
0.4
V
IOL = +2.1mA, DVDD = 3.3V
VOH
High-level output
voltage
DVDD -0.5
—
—
V
IOH = -2.1mA, DVDD = 3.3V
CINT
Internal capacitance
(all inputs and
outputs)
——
7
pF
TA = 25°C, SCK = 1.0 MHz,
DVDD =3.3V (Note 1)
Note 1: This parameter is periodically sampled and not 100% tested.
2: This parameter is established by characterization and not production tested.
TABLE 1-3:
SERIAL AC CHARACTERISTICS TABLE
Electrical Specifications: Unless otherwise indicated, all parameters apply at DVDD = 2.7 to 3.6V, TA = -40°C to
+125°C, GAIN = 1, CLOAD = 30pF.
Sym
Characteristics
Min
Typ
Max
Units
Test Conditions
fSCK
Serial Clock frequency
—
—
20
MHz
t
CSS
CS setup time
25
—
—
ns
t
CSH
CS hold time
50
—
—
ns
t
CSD
CS disable time
50
—
—
ns
tsu
Data setup time
5
—
—
ns
t
HD
Data hold time
10
—
—
ns
t
HI
Serial Clock high time
20
—
—
ns
t
LO
Serial Clock low time
20
—
—
ns
t
CLD
Serial Clock delay time
50
—
—
ns
t
CLE
Serial Clock enable time
50
—
—
ns
t
DO
Output valid from SCK low
—
—
25
ns
t
DOMDAT
Modulator output valid from
AMCLK high
——
1/(2*AMCLK)
s
t
HO
Output hold time
0
—
—
ns
(Note 1)
t
DIS
Output disable time
—
—
25
ns
(Note 1)
tMCLR
Reset Pulse Width (RESET)100
—
—
ns
tDODR
Data Transfer Time to DR
(Data Ready)
—25
ns
(Note 2)
Note 1: This parameter is periodically sampled and not 100% tested.
2: This parameter is established by characterization and not production tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com