Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMZ14202HTZX/NOPB Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LMZ14202HTZX/NOPB
Description  LMZ14202H 2A, SIMPLE SWITCHER짰 Power Module for High Output Voltage
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMZ14202HTZX/NOPB Datasheet(HTML) 5 Page - Texas Instruments

  LMZ14202HTZX/NOPB Datasheet HTML 1Page - Texas Instruments LMZ14202HTZX/NOPB Datasheet HTML 2Page - Texas Instruments LMZ14202HTZX/NOPB Datasheet HTML 3Page - Texas Instruments LMZ14202HTZX/NOPB Datasheet HTML 4Page - Texas Instruments LMZ14202HTZX/NOPB Datasheet HTML 5Page - Texas Instruments LMZ14202HTZX/NOPB Datasheet HTML 6Page - Texas Instruments LMZ14202HTZX/NOPB Datasheet HTML 7Page - Texas Instruments LMZ14202HTZX/NOPB Datasheet HTML 8Page - Texas Instruments LMZ14202HTZX/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
LMZ14202H
www.ti.com
SNVS691D – JANUARY 2011 – REVISED FEBRUARY 2013
Electrical Characteristics (continued)
Limits in standard type are for TJ = 25°C only; limits in boldface type apply over the junction temperature (TJ) range of -40°C
to +125°C. Minimum and Maximum limits are guaranteed through test, design or statistical correlation. Typical values
represent the most likely parametric norm at TJ = 25°C, and are provided for reference purposes only. Unless otherwise
stated the following conditions apply: VIN = 24V, VOUT = 12V, RON = 249kΩ
Min
Typ
Max
Symbol
Parameter
Conditions
Units
(1)
(2)
(1)
VFB
In-regulation feedback voltage
VIN = 24V, VOUT = 12V VSS >+ 0.8V
0.782
0.803
0.822
V
TJ = -40°C to 125°C
IOUT = 10mA to 2A
VIN = 24V, VOUT = 12V VSS >+ 0.8V
0.786
0.803
0.818
V
TJ = 25°C
IOUT = 10mA to 2A
VFB
In-regulation feedback voltage
VIN = 36V, VOUT = 24V VSS >+ 0.8V
0.780
0.803
0.824
V
TJ = -40°C to 125°C
IOUT = 10mA to 2A
VIN = 36V, VOUT = 24V VSS >+ 0.8V
0.787
0.803
0.819
V
TJ = 25°C
IOUT = 10mA to 2A
VFB-OVP
Feedback over-voltage protection
0.92
V
threshold
IFB
Feedback input bias current
5
nA
IQ
Non Switching Input Current
VFB= 0.86V
1
mA
ISD
Shut Down Quiescent Current
VEN= 0V
25
μA
Thermal Characteristics
TSD
Thermal Shutdown
Rising
165
°C
TSD-HYST
Thermal Shutdown Hysteresis
15
°C
θJA
Junction to Ambient
4 layer Printed Circuit Board, 7.62cm x
16
°C/W
7.62cm (3in x 3in) area, 1 oz Copper, No
air flow
4 layer Printed Circuit Board, 6.35cm x
18.4
°C/W
6.35cm (2.5in x 2.5in) area, 1 oz Copper,
No air flow
θJC
Junction to Case
No air flow
1.9
°C/W
PERFORMANCE PARAMETERS
ΔVOUT
Output Voltage Ripple
VOUT = 5V, CO = 100µF 6.3V X7R
8
mV PP
ΔVOUT/ΔVIN
Line Regulation
VIN = 16V to 42V, IOUT= 3A
.01
%
ΔVOUT/ΔIOUT
Load Regulation
VIN = 24V, IOUT = 0A to 2A
1.5
mV/A
η
Efficiency
VIN = 24V VOUT = 12V IOUT = 1A
93
%
η
Efficiency
VIN = 24V VOUT = 12V IOUT = 2A
92
%
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LMZ14202H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com