Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMZ14202HTZX/NOPB Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # LMZ14202HTZX/NOPB
Description  LMZ14202H 2A, SIMPLE SWITCHER짰 Power Module for High Output Voltage
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMZ14202HTZX/NOPB Datasheet(HTML) 18 Page - Texas Instruments

Back Button LMZ14202HTZX/NOPB Datasheet HTML 14Page - Texas Instruments LMZ14202HTZX/NOPB Datasheet HTML 15Page - Texas Instruments LMZ14202HTZX/NOPB Datasheet HTML 16Page - Texas Instruments LMZ14202HTZX/NOPB Datasheet HTML 17Page - Texas Instruments LMZ14202HTZX/NOPB Datasheet HTML 18Page - Texas Instruments LMZ14202HTZX/NOPB Datasheet HTML 19Page - Texas Instruments LMZ14202HTZX/NOPB Datasheet HTML 20Page - Texas Instruments LMZ14202HTZX/NOPB Datasheet HTML 21Page - Texas Instruments LMZ14202HTZX/NOPB Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
LMZ14202H
SNVS691D – JANUARY 2011 – REVISED FEBRUARY 2013
www.ti.com
The selection of RON and fSW(CCM) must be confined by limitations in the on-time and off-time for the COT Control
Circuit Overview section.
The on-time of the LMZ14202H timer is determined by the resistor RON and the input voltage VIN. It is calculated
as follows:
tON = (1.3 x 10
-10 x R
ON) / VIN
(14)
The inverse relationship of tON and VIN gives a nearly constant switching frequency as VIN is varied. RON should
be selected such that the on-time at maximum VIN is greater than 150 ns. The on-timer has a limiter to ensure a
minimum of 150 ns for tON. This limits the maximum operating frequency, which is governed by Equation 15:
fSW(MAX) = VO / (VIN(MAX) x 150 nsec)
(15)
This equation can be used to select RON if a certain operating frequency is desired so long as the minimum on-
time of 150 ns is observed. The limit for RON can be calculated as follows:
RON ≥ VIN(MAX) x 150 nsec / (1.3 x 10
-10)
(16)
If RON calculated in Equation 13 is less than the minimum value determined in Equation 16 a lower frequency
should be selected. Alternatively, VIN(MAX) can also be limited in order to keep the frequency unchanged.
Additionally, the minimum off-time of 260 ns (typ) limits the maximum duty ratio. Larger RON (lower FSW) should
be selected in any application requiring large duty ratio.
Discontinuous Conduction and Continuous Conduction Modes
At light load the regulator will operate in discontinuous conduction mode (DCM). With load currents above the
critical conduction point, it will operate in continuous conduction mode (CCM). When operating in DCM the
switching cycle begins at zero amps inductor current; increases up to a peak value, and then recedes back to
zero before the end of the off-time. Note that during the period of time that inductor current is zero, all load
current is supplied by the output capacitor. The next on-time period starts when the voltage on the FB pin falls
below the internal reference. The switching frequency is lower in DCM and varies more with load current as
compared to CCM. Conversion efficiency in DCM is maintained since conduction and switching losses are
reduced with the smaller load and lower switching frequency. Operating frequency in DCM can be calculated as
follows:
fSW(DCM)≊VO x (VIN-1) x 15μH x 1.18 x 10
20 x I
O / (VIN–VO) x RON
2
(17)
In CCM, current flows through the inductor through the entire switching cycle and never falls to zero during the
off-time. The switching frequency remains relatively constant with load current and line voltage variations. The
CCM operating frequency can be calculated using Equation 12 above.
The approximate formula for determining the DCM/CCM boundary is as follows:
IDCB≊VOx (VIN–VO) / ( 2 x 15μH x fSW(CCM) x VIN)
(18)
The inductor internal to the module is 15
μH. This value was chosen as a good balance between low and high
input voltage applications. The main parameter affected by the inductor is the amplitude of the inductor ripple
current (ILR). ILR can be calculated with:
ILR P-P=VO x (VIN- VO) / (15µH x fSW x VIN)
where
•
VIN is the maximum input voltage and fSW is determined from Equation 12.
(19)
If the output current IO is determined by assuming that IO = IL, the higher and lower peak of ILR can be
determined. Be aware that the lower peak of ILR must be positive if CCM operation is required.
POWER DISSIPATION AND BOARD THERMAL REQUIREMENTS
For a design case of VIN = 24V, VOUT = 12V, IOUT = 2A, TAMB (MAX) = 85°C , and TJUNCTION = 125°C, the device
must see a maximum junction-to-ambient thermal resistance of:
θJA-MAX < (TJ-MAX - TAMB(MAX)) / PD
This
θJA-MAX will ensure that the junction temperature of the regulator does not exceed TJ-MAX in the particular
application ambient temperature.
18
Submit Documentation Feedback
Copyright © 2011–2013, Texas Instruments Incorporated
Product Folder Links: LMZ14202H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com