Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMZ14202HTZX/NOPB Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # LMZ14202HTZX/NOPB
Description  LMZ14202H 2A, SIMPLE SWITCHER짰 Power Module for High Output Voltage
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMZ14202HTZX/NOPB Datasheet(HTML) 16 Page - Texas Instruments

Back Button LMZ14202HTZX/NOPB Datasheet HTML 12Page - Texas Instruments LMZ14202HTZX/NOPB Datasheet HTML 13Page - Texas Instruments LMZ14202HTZX/NOPB Datasheet HTML 14Page - Texas Instruments LMZ14202HTZX/NOPB Datasheet HTML 15Page - Texas Instruments LMZ14202HTZX/NOPB Datasheet HTML 16Page - Texas Instruments LMZ14202HTZX/NOPB Datasheet HTML 17Page - Texas Instruments LMZ14202HTZX/NOPB Datasheet HTML 18Page - Texas Instruments LMZ14202HTZX/NOPB Datasheet HTML 19Page - Texas Instruments LMZ14202HTZX/NOPB Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
LMZ14202H
SNVS691D – JANUARY 2011 – REVISED FEBRUARY 2013
www.ti.com
VO = 0.8V x (1 + RFBT / RFBB)
(2)
Rearranging terms; the ratio of the feedback resistors for a desired output voltage is:
RFBT / RFBB = (VO / 0.8V) - 1
(3)
These resistors should be chosen from values in the range of 1 k
Ω to 50 kΩ.
A feed-forward capacitor is placed in parallel with RFBT to improve load step transient response. Its value is
usually determined experimentally by load stepping between DCM and CCM conduction modes and adjusting for
best transient response and minimum output ripple.
A table of values for RFBT , RFBB , and RON is included in the simplified applications schematic.
SOFT-START CAPACITOR, CSS, SELECTION
Programmable soft-start permits the regulator to slowly ramp to its steady state operating point after being
enabled, thereby reducing current inrush from the input supply and slowing the output voltage rise-time to
prevent overshoot.
Upon turn-on, after all UVLO conditions have been passed, an internal 8uA current source begins charging the
external soft-start capacitor. The soft-start time duration to reach steady state operation is given by the formula:
tSS = VREF x CSS / Iss = 0.8V x CSS / 8uA
(4)
This equation can be rearranged as follows:
CSS = tSS x 8 μA / 0.8V
(5)
Use of a 4700pF capacitor results in 0.5ms soft-start duration. This is a recommended value. Note that high
values of CSS capacitance will cause more output voltage droop when a load transient goes across the DCM-
CCM boundary. Use Equation 18 below to find the DCM-CCM boundary load current for the specific operating
condition. If a fast load transient response is desired for steps between DCM and CCM mode the softstart
capacitor value should be less than 0.018µF.
As the soft-start input exceeds 0.8V the output of the power stage will be in regulation. Note that the following
conditions will reset the soft-start capacitor by discharging the SS input to ground with an internal 200
μA current
sink:
•
The enable input being “pulled low”
•
Thermal shutdown condition
•
Over-current fault
•
Internal VINUVLO
OUTPUT CAPACITOR, CO, SELECTION
None of the required output capacitance is contained within the module. At a minimum, the output capacitor must
meet the worst case RMS current rating of 0.5 x ILR P-P, as calculated in Equation 19. Beyond that, additional
capacitance will reduce output ripple so long as the ESR is low enough to permit it. A minimum value of 10
μF is
generally required. Experimentation will be required if attempting to operate with a minimum value. Low ESR
capacitors, such as ceramic and polymer electrolytic capacitors are recommended.
CAPACITANCE:
Equation 6 provides a good first pass approximation of CO for load transient requirements:
CO≥ISTEP x VFB x L x VIN/ (4 x VO x (VIN — VO) x VOUT-TRAN)
(6)
As an example, for 2A load step, VIN = 24V, VOUT = 12V, VOUT-TRAN = 50mV:
CO≥ 2A x 0.8V x 15μH x 24V / (4 x 12V x ( 24V — 12V) x 50mV)
CO≥ 20μF
ESR:
16
Submit Documentation Feedback
Copyright © 2011–2013, Texas Instruments Incorporated
Product Folder Links: LMZ14202H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com