Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMZ14202HTZX/NOPB Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # LMZ14202HTZX/NOPB
Description  LMZ14202H 2A, SIMPLE SWITCHER짰 Power Module for High Output Voltage
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMZ14202HTZX/NOPB Datasheet(HTML) 17 Page - Texas Instruments

Back Button LMZ14202HTZX/NOPB Datasheet HTML 13Page - Texas Instruments LMZ14202HTZX/NOPB Datasheet HTML 14Page - Texas Instruments LMZ14202HTZX/NOPB Datasheet HTML 15Page - Texas Instruments LMZ14202HTZX/NOPB Datasheet HTML 16Page - Texas Instruments LMZ14202HTZX/NOPB Datasheet HTML 17Page - Texas Instruments LMZ14202HTZX/NOPB Datasheet HTML 18Page - Texas Instruments LMZ14202HTZX/NOPB Datasheet HTML 19Page - Texas Instruments LMZ14202HTZX/NOPB Datasheet HTML 20Page - Texas Instruments LMZ14202HTZX/NOPB Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
LMZ14202H
www.ti.com
SNVS691D – JANUARY 2011 – REVISED FEBRUARY 2013
The ESR of the output capacitor affects the output voltage ripple. High ESR will result in larger VOUT peak-to-
peak ripple voltage. Furthermore, high output voltage ripple caused by excessive ESR can trigger the over-
voltage protection monitored at the FB pin. The ESR should be chosen to satisfy the maximum desired VOUT
peak-to-peak ripple voltage and to avoid over-voltage protection during normal operation. The following
equations can be used:
ESRMAX-RIPPLE ≤ VOUT-RIPPLE / ILR P-P
where
•
ILR P-P is calculated using Equation 19 below
(7)
ESRMAX-OVP < (VFB-OVP - VFB) / (ILR P-P x AFB )
where
•
AFB is the gain of the feedback network from VOUT to VFB at the switching frequency.
(8)
As worst case, assume the gain of AFB with the CFF capacitor at the switching frequency is 1.
The selected capacitor should have sufficient voltage and RMS current rating. The RMS current through the
output capacitor is:
I(COUT(RMS)) = ILR P-P / √12
(9)
INPUT CAPACITOR, CIN, SELECTION
The LMZ14202H module contains an internal 0.47 µF input ceramic capacitor. Additional input capacitance is
required external to the module to handle the input ripple current of the application. This input capacitance should
be located as close as possible to the module. Input capacitor selection is generally directed to satisfy the input
ripple current requirements rather than by capacitance value. Worst case input ripple current rating is dictated by
Equation 10:
I(CIN(RMS)) ≊ 1 / 2 x IO x √ (D / 1-D)
where
•
D
≊ VO / VIN
(10)
(As a point of reference, the worst case ripple current will occur when the module is presented with full load
current and when VIN = 2 x VO).
Recommended minimum input capacitance is 10uF X7R ceramic with a voltage rating at least 25% higher than
the maximum applied input voltage for the application. It is also recommended that attention be paid to the
voltage and temperature deratings of the capacitor selected. It should be noted that ripple current rating of
ceramic capacitors may be missing from the capacitor data sheet and you may have to contact the capacitor
manufacturer for this rating.
If the system design requires a certain maximum value of input ripple voltage
ΔVIN to be maintained then
Equation 11 may be used.
CIN ≥ IO x D x (1–D) / fSW-CCM x ΔVIN
(11)
If
ΔVIN is 1% of VIN for a 24V input to 12V output application this equals 240 mV and fSW = 400 kHz.
CIN≥ 2A x 12V/24V x (1– 12V/24V) / (400000 x 0.240 V)
CIN≥ 5.2μF
Additional bulk capacitance with higher ESR may be required to damp any resonant effects of the input
capacitance and parasitic inductance of the incoming supply lines.
ON TIME, RON, RESISTOR SELECTION
Many designs will begin with a desired switching frequency in mind. As seen in the Typical Performance
Characteristics section, the best efficiency is achieved in the 300kHz-400kHz switching frequency range.
Equation 12 can be used to calculate the RON value.
fSW(CCM) ≊ VO / (1.3 x 10
-10 x R
ON)
(12)
This can be rearranged as
RON ≊ VO / (1.3 x 10
-10 x f
SW(CCM)
(13)
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: LMZ14202H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com