Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320 Datasheet(PDF) 26 Page - Texas Instruments

Part # TMS320
Description  TMS320 SECOND GENERATION DIGITAL SIGNAL PROCESSORS
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320 Datasheet(HTML) 26 Page - Texas Instruments

Back Button TMS320_13 Datasheet HTML 22Page - Texas Instruments TMS320_13 Datasheet HTML 23Page - Texas Instruments TMS320_13 Datasheet HTML 24Page - Texas Instruments TMS320_13 Datasheet HTML 25Page - Texas Instruments TMS320_13 Datasheet HTML 26Page - Texas Instruments TMS320_13 Datasheet HTML 27Page - Texas Instruments TMS320_13 Datasheet HTML 28Page - Texas Instruments TMS320_13 Datasheet HTML 29Page - Texas Instruments TMS320_13 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 70 page
background image
TMS320 SECOND GENERATION
DIGITAL SIGNAL PROCESSORS
SPRS010B — MAY 1987 — REVISED NOVEMBER 1990
POST OFFICE BOX 1443
HOUSTON, TEXAS 77001
26
SERIAL PORT TIMING
switching characteristics over recommended operating conditions (see Note 3)
PARAMETER
MIN
TYP
MAX
UNIT
td(CH-DX)
DX valid after CLKX rising edge (see Note 10)
100
ns
td(FL-DX)
DX valid after FSX falling edge (TXM = 0, see Note 10)
50
ns
td(CH-FS)
FSX valid after CLKX rising edge (TXM = 1)
60
ns
NOTES: 3. Q = 1/4tc(C).
10. The last occurrence of FSX falling and CLKX rising.
timing requirements over recommended operating conditions (see Note 3)
MIN
NOM
MAX
UNIT
tc(SCK)
Serial port clock (CLKX/CLKR) cycle time
390
20 000†
ns
tf(SCK)
Serial port clock (CLKX/CLKR) fall time
50‡
ns
tr(SCK)
Serial port clock (CLKX/CLKR) rise time
50‡
ns
tw(SCK)
Serial port clock (CLKX/CLKR) low pulse duration (see Note 11)
150
12 000
ns
tw(SCK)
Serial port clock (CLKX/CLKR) high pulse duration (see Note 11)
150
12 000
ns
tsu(FS)
FSX/FSR setup time before CLKX/CLKR falling edge (TXM = 0)
20
ns
th(FS)
FSX/FSR hold time after CLKX/CLKR falling edge (TXM = 0)
20
ns
tsu(DR)
DR setup time before CLKR falling edge
20
ns
th(DR)
DR hold time after CLKR falling edge
20
ns
† Value derived from characterization data; minimum fsx at test = 825 kHz.
‡ Value derived from characterization data and not tested.
NOTES: 3. Q = 1/4tc(C).
11. The duty cycle of the serial port clock must be within 40-60%.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com