Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320 Datasheet(PDF) 27 Page - Texas Instruments

Part # TMS320
Description  TMS320 SECOND GENERATION DIGITAL SIGNAL PROCESSORS
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320 Datasheet(HTML) 27 Page - Texas Instruments

Back Button TMS320_13 Datasheet HTML 23Page - Texas Instruments TMS320_13 Datasheet HTML 24Page - Texas Instruments TMS320_13 Datasheet HTML 25Page - Texas Instruments TMS320_13 Datasheet HTML 26Page - Texas Instruments TMS320_13 Datasheet HTML 27Page - Texas Instruments TMS320_13 Datasheet HTML 28Page - Texas Instruments TMS320_13 Datasheet HTML 29Page - Texas Instruments TMS320_13 Datasheet HTML 30Page - Texas Instruments TMS320_13 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 70 page
background image
VIL
TA
Low-level input voltage
Operating free-air temperature
ICC
Low-level input voltage
TA =0C, VCC = MAX, fx =MAX
mA
TMS320 SECOND GENERATION
DIGITAL SIGNAL PROCESSORS
SPRS010B — MAY 1987 — REVISED NOVEMBER 1990
POST OFFICE BOX 1443
HOUSTON, TEXAS 77001
27
absolute maximum ratings over specified temperature range (unless otherwise noted)†
Supply voltage range, VCC‡
-- 0.3Vto7V
.......................................................
Input voltage range: TMS320E25 pins 24 and 25
-- 0.3 V to 15 V
....................................
All other inputs
-- 0.3 V to 7 V
................................................
Output voltage range
-- 0.3Vto7V
..............................................................
Continuous power dissipation
1.5 W
.............................................................
Operating free-air temperature range
0Cto70C
.................................................
Storage temperature range
-- 55C to 150C
......................................................
† Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress rating only, and
functional operation of the device at these or any other conditions beyond those indicated in the “Recommended Operating Conditions” section of
this specification is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
‡ All voltage values are with respect to VSS.
recommended operating conditions
MIN
NOM
MAX
UNIT
VCC
Supply voltage
4.75
5
5.25
V
VSS
Supply voltage
0
V
All inputs except CLKIN/CLKX/CLKR/INT (0-2)
2.35
VCC +0.3
V
VIH
High-level input voltage
INT (0-2)
2.5
VCC +0.3
V
CLKIN/CLKX/CLKR
3.5
VCC +0.3
V
All inputs except MP/MC
-- 0.3
0.8
V
MP/MC
-- 0.3
0.8
V
IOH
High-level output current
300
A
IOL
Low-level output current
2
mA
TMS320C25, TMS320E25
0
70
C
TMS320C25GBA
-- 40
85
C
electrical characteristics over specified free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP§
MAX
UNIT
VOH
High-level output voltage
VCC =MIN,IOH =MAX
2.4
3
V
VOL
Low-level output voltage
VCC =MIN,IOL =MAX
0.3
0.6
V
IZ
Three-state current
VCC =MAX
--20
20
A
II
Input current
VI =VSS to VCC
--10
10
A
Normal
110
185
Idle/HOLD
50
100
CI
Input capacitance
15
pF
CO
Output capacitance
15
pF
§ All typical values are at VCC =5V, TA =25.
Caution. This device contains circuits to protect its inputs and outputs against damage due to high static voltages or electrostatic
fields. These circuits have been qualified to protect this device against electrostatic discharges (ESD) of up to 2 kV according to
MIL-STD-883C, Method 3015; however, it is advised that precautions to be taken to avoid application of any voltage higher than
maximum rated voltages to these high-impedance circuits. During storage or handling, the device leads should be shorted together
or the device should be placed in conductive foam. In a circuit, unused inputs should always be connected to an appropriate logic voltage level,
preferably either VCC or ground. Specific guidelines for handling devices of this type are contained in the publication “Guidelines for Handling
Electrostatic-Discharge Sensitive (ESDS) Devices and Assemblies” available from Texas Instruments



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com