Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320 Datasheet(PDF) 68 Page - Texas Instruments

Part # TMS320
Description  TMS320 SECOND GENERATION DIGITAL SIGNAL PROCESSORS
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320 Datasheet(HTML) 68 Page - Texas Instruments

Back Button TMS320_13 Datasheet HTML 62Page - Texas Instruments TMS320_13 Datasheet HTML 63Page - Texas Instruments TMS320_13 Datasheet HTML 64Page - Texas Instruments TMS320_13 Datasheet HTML 65Page - Texas Instruments TMS320_13 Datasheet HTML 66Page - Texas Instruments TMS320_13 Datasheet HTML 67Page - Texas Instruments TMS320_13 Datasheet HTML 68Page - Texas Instruments TMS320_13 Datasheet HTML 69Page - Texas Instruments TMS320_13 Datasheet HTML 70Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 68 / 70 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
11-Apr-2013
Addendum-Page 1
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
Op Temp (°C)
Top-Side Markings
(4)
Samples
TMS320C25FNA
NRND
PLCC
FN
68
18
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-3-260C-168 HR
-40 to 85
@1986 TI
TMS320C25FNA
TMS320C25FNAR
NRND
PLCC
FN
68
TBD
Call TI
Call TI
-40 to 85
@1986 TI
TMS320C25FNA
TMS320C25FNL
NRND
PLCC
FN
68
18
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-3-260C-168 HR
0 to 70
@1990 TI
TMS320C25FNL
TMS320C25FNL33
OBSOLETE
PLCC
FN
68
TBD
Call TI
Call TI
0 to 70
TMS320C25FNLR
NRND
PLCC
FN
68
250
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-3-260C-168 HR
0 to 70
@1990 TI
TMS320C25FNL
TMS320C25FNLW
OBSOLETE
PLCC
FN
68
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-3-260C-168 HR
0 to 0
@1990 TI
TMS320C25FNL
TMS320C25FNLW50
OBSOLETE
PLCC
FN
68
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-3-260C-168 HR
@1990 TI
TMS320C25FNL50
TMS320C25GBA
NRND
CPGA
GB
68
21
TBD
AU
N / A for Pkg Type
-40 to 85
@1986 TI
TMS320C25GBA
TMS320C25GBL
NRND
CPGA
GB
68
21
TBD
AU
N / A for Pkg Type
0 to 70
@1990 TI
TMS320C25GBL
TMS320C25PHL
NRND
QFP
PH
80
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-4-260C-72 HR
0 to 0
TMS320C25PHL
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability
information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements for all 6 substances, including the requirement that
lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and package, or 2) lead-based die adhesive used between
the die and leadframe. The component is otherwise considered Pb-Free (RoHS compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame retardants (Br or Sb do not exceed 0.1% by weight
in homogeneous material)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com