Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320 Datasheet(PDF) 62 Page - Texas Instruments

Part # TMS320
Description  TMS320 SECOND GENERATION DIGITAL SIGNAL PROCESSORS
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320 Datasheet(HTML) 62 Page - Texas Instruments

Back Button TMS320_13 Datasheet HTML 58Page - Texas Instruments TMS320_13 Datasheet HTML 59Page - Texas Instruments TMS320_13 Datasheet HTML 60Page - Texas Instruments TMS320_13 Datasheet HTML 61Page - Texas Instruments TMS320_13 Datasheet HTML 62Page - Texas Instruments TMS320_13 Datasheet HTML 63Page - Texas Instruments TMS320_13 Datasheet HTML 64Page - Texas Instruments TMS320_13 Datasheet HTML 65Page - Texas Instruments TMS320_13 Datasheet HTML 66Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 70 page
background image
TMS320E25
SPRS010B — MAY 1987 — REVISED NOVEMBER 1990
POST OFFICE BOX 1443
HOUSTON, TEXAS 77001
62
Address Stable
Address N + 1
Data In Stable
Data Out Valid
HI-Z
Program
Verify
VIH
VIL
VIH/VOH
VIL/VOL
VPP
VCC
VCC + 1
VCC
VIH
VIL
VIH
VIL
VIH
VIL
A12-A0
Q8-Q1
VPP
VCC
E
PGM
G
Figure 11. Fast Programming Timing
program inhibit
Programming may be inhibited by maintaining a high level input on the E pin or PGM pin.
read
The EPROM contents may be read independent of the programming cycle, provided the RBIT (ROM protect
bit) has not been programmed. The read is accomplished by setting E to zero and pulsing G low. The contents
of the EPROM location selected by the value on the address inputs appear on Q8-Q1.
output disable
During the EPROM programming process, the EPROM data outputs may be disabled, if desired, by establishing
the output disable state. This state is selected by setting the G and PGM pins high. While output disable is
selected, Q8-Q1 are placed in the high-impedance state.
ROM protection and verification
This section describes the code protection feature included in the EPROM cell, which protects code against
copyright violations. Table 6 shows the programming levels required for protecting and verifying the EPROM.
The paragraphs following the table describe the protect and verify functions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com