Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PVG5A103C03 Datasheet(PDF) 47 Page - Murata Manufacturing Co., Ltd.

Part # PVG5A103C03
Description  Trimmer Potentiometers SMD Open Type 2mm Size PVZ2/PVA2 Series
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

PVG5A103C03 Datasheet(HTML) 47 Page - Murata Manufacturing Co., Ltd.

Back Button PVG5A103C03 Datasheet HTML 43Page - Murata Manufacturing Co., Ltd. PVG5A103C03 Datasheet HTML 44Page - Murata Manufacturing Co., Ltd. PVG5A103C03 Datasheet HTML 45Page - Murata Manufacturing Co., Ltd. PVG5A103C03 Datasheet HTML 46Page - Murata Manufacturing Co., Ltd. PVG5A103C03 Datasheet HTML 47Page - Murata Manufacturing Co., Ltd. PVG5A103C03 Datasheet HTML 48Page - Murata Manufacturing Co., Ltd. PVG5A103C03 Datasheet HTML 49Page - Murata Manufacturing Co., Ltd. PVG5A103C03 Datasheet HTML 50Page - Murata Manufacturing Co., Ltd. PVG5A103C03 Datasheet HTML 51Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 55 page
background image
SMD Open Type (PVZ2/A2/Z3)/SMD Sealed Type (PVM4A_C01 Series) Specifications and Test Methods
9
Rotational Life
The wiper should be rotated over 90% of the effective rotational angle without loading at a speed of 10 cycles per
minute, for 10 cycles continuously. The resistance value should be measured after keeping the potentiometer in a
room for 10±5 minutes.
8
Temperature Coefficient of
Resistance
The trimmer potentiometer should be subjected to each of the following temperatures (see Table 5, Table 6) for 30
to 40 minutes. The resistance value should be measured in the chamber.
T1 : Reference temperature in degrees celsius
T2 : Test temperature in degrees celsius
R1 : Resistance at reference temperature in ohm
R2 : Resistance at test temperature in ohm
Table 5: PVZ
Note*: Norm temp.
Table 6: PVA2/PVM4A
---C01
7
Temperature Cycle
The wiper contact point should be preset at about 50% position of effective rotational angle. After that, the
potentiometer should be subjected to Table 3, Table 4 temperature for 5 cycles. The resistance value should be
measured after keeping the potentiometer in a room for 1 to 2 hours.
Table 3: PVZ
Table 4: PVA2/PVM4A
---C01
6
Load Life
The wiper contact point should be preset at about 50% position of effective rotational angle. After that, the
potentiometer should be placed in a chamber at 70±2°C (50±2°C for PVZ) with loading the 1/2 rated voltage
between #1 and #2 terminals, intermittently 1.5 hours ON and 0.5 hours OFF for 1000±12 hours. The resistance
value should be measured after keeping the potentiometer in a room for 1 to 2 hours.
5
Humidity Load Life
The wiper contact point should be preset at about 50% position of effective rotational angle. After that, the
potentiometer should be placed in a chamber at 40±2°C and 90 - 95% with loading the 1/2 rated voltage between
#1 and #2 terminals, intermittently 1.5 hours ON and 0.5 hours OFF for 1000±12 hours.
The resistance value should be measured after keeping the potentiometer in a room for 5±1/6 hours.
4
High Temperature
Exposure
The wiper contact point should be preset at about 50% position of effective rotational angle. After that, the
potentiometer should be placed in a chamber at 70±2°C without loading for 500±12 hours. The resistance value
should be measured after keeping the potentiometer in a room for 1.5±1/6 hours.
3
Humidity Exposure
The wiper contact point should be preset at about 50% position of effective rotational angle. After that, the
potentiometer should be placed in a chamber at 40±2°C and 90 - 95% without loading for 500±12 hours.
The resistance value should be measured after keeping the potentiometer in a room for 5±1/6 hours.
2
Contact Resistance
Contact resistance variation should be measured with the measuring circuit shown below, or its equivalent. The
operating wiper should be rotated in both directions through 90% of the actual effective-electrical travel for a total of
6 cycles.
The rate of rotation of the operating wiper should be such that the wiper completes 1 count in determining whether or
not a contact resistance variation is observed at least twice in the same location. The test current should follow the
value given in Table 2 unless otherwise limited by the power rating.
Table 2: Test current for CRV
Figure 1: CRV measuring circuit
1
Residual Resistance
Position the contact arm at the extreme counterclockwise limit of mechanical travel and measure the resistance
between the contact arm and the corresponding end terminal. Then, position the contact arm at the extreme
clockwise limit of mechanical travel and measure the resistance between the contact arm and the corresponding end
terminal. During this test, take suitable precautions to ensure that the rated current of the resistance element is not
exceeded.
Standard Total
Resistance R (ohm)
Test Current
20mA max.
1mA max.
100μA max.
100
VR
10k
VR
100k
VR
F10k
F100k
Sequence
1
-25±3
30±3
2
+25±2
10 max.
3
+85±3
30±3
4
+25±2
10 max.
Temp. (°C)
Time (min.)
Sequence
1
-55±3
30±3
2
+25±2
10 max.
3
+125±3
30±3
4
+25±2
10 max.
Temp. (°C)
Time (min.)
Sequence
1*
+25±2
2
-25±3
3*
+25±2
4
+85±3
Temp. (°C)
Sequence
1*
+25±2
2
-55±3
3*
+25±2
4
+125±3
Temp. (°C)
No.
Test Methods
Item
The tests and measurements should be conducted under the conditions of 15 to 35°C of temperature, 25 to 75% of relative humidity and 86 to 106 kpa of
atmospheric pressure unless otherwise specified. If questionable results occur that have been measured in accordance with the above-mentioned
conditions, the tests and measurements should be conducted under the conditions of 25±2°C of temperature, 45 to 55% of relative humidity and 86 to
106 kpa of atmospheric pressure.
Rx
#1
#2
#3
Calibration
resistance
AC
Amplifier
vertical
entry
Oscilloscope
Rx : Trimmer Potentiometer
Oscilloscope bandwidth: 100Hz to 50kHz
Constant Current
Source
(Test current
shown in Table 2)
TCR=
R2 – R1
R1 (T2 – T1)
Z 106 (ppm/°C)
Standard Total
Resistance R
(ohm)
Test
Current
20mA
10mA
4mA
2mA
1mA
R
100
FR
500
VR
1k
VR
2k
VR
V100
F500
F1k
F2k
F50k
Standard Total
Resistance R
(ohm)
Test
Current
200μA
100μA
50μA
30μA
50k
VR
200k
VR
1M
VR
2M
VR
F200k
F1M
F2M
· PVZ/PVA2
· PVM4A
pppC01
R50E.pdf
Jul.23,2012
45
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com