Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PVG5A103C03 Datasheet(PDF) 12 Page - Murata Manufacturing Co., Ltd.

Part # PVG5A103C03
Description  Trimmer Potentiometers SMD Open Type 2mm Size PVZ2/PVA2 Series
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

PVG5A103C03 Datasheet(HTML) 12 Page - Murata Manufacturing Co., Ltd.

Back Button PVG5A103C03 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. PVG5A103C03 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. PVG5A103C03 Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. PVG5A103C03 Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. PVG5A103C03 Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. PVG5A103C03 Datasheet HTML 13Page - Murata Manufacturing Co., Ltd. PVG5A103C03 Datasheet HTML 14Page - Murata Manufacturing Co., Ltd. PVG5A103C03 Datasheet HTML 15Page - Murata Manufacturing Co., Ltd. PVG5A103C03 Datasheet HTML 16Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 55 page
background image
Trimmer Potentiometers
SMD Open Type 3mm Size PVZ3 Series
#2
#1
#3
CLOCKWISE
#1
#2
#3
3.1
1.0
0.75
1.0
0.75
1.15 Dia.
2.2 Dia.
3.0 Dia.
1.85±0.1
0.25±0.1
0.1 max.
(
Tolerance: ±0.3)
in mm
PVZ3A
3.1
0.8
#2
#1
#3
0.55
0.55
1.15±0.10
1.2
0.4
R1.5
#2 (Wiper Contact)
#1
#3
CLOCKWISE
CIRCUIT
(
Tolerance: ±0.3
in mm)
PVZ3G
in mm
(
Tolerance : ±0.3)
1.55
0.40
3.1
0.8
#2
1.2
#1
#3
0.55
0.55
0.40
0.25
Soldering Part
ø3.0
ø2.2
PVZ3H
R50E.pdf
Jul.23,2012
10
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
2
PVZ3 Series
#1
#3
3.1
1.85±0.1
2.1
0.25±0.1
#2
0.85
1.1
0.9 0.85
1.15 Dia.
3.0 Dia.
2.2 Dia.
Soldering Part
#2 (Wiper Contact)
#1
#3
CIRCUIT
CLOCKWISE
(
Tolerance: ±0.3)
in mm
PVZ3K
c Features
1. Excellent solderability characteristics are
achieved via special plating techniques on each
termination.
2. Specially designed substrate prevents wicking of
flux onto the top of the part body.
3. Funnel shaped adjustment slot allows for in-process
automatic adjustment.
(PVZ3A/PVZ3H/PVZ3K Series)
4. High-heat resistance type is available
(PVZ3A_C01/PVZ3K_E01).
5. Enlarged bottom termination enhances soldering
strength while reducing the necessary land area
required, promoting high-density PCB mounting
(PVZ3A/PVZ3H/PVZ3G Series).
6. The standard position of the driver plate is adjusted
at the center normally, but another position is also
available.
7. This product meets PB-free standards.
8. Complies with RoHS directive.
c Applications
1. Optical pick up
6. CD-ROMs
2. Cordless telephones
7. Car stereos
3. CD players
8. TFT-LCD TV sets
4. E-Book
9. Headphone stereos
5. Motor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com