Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PVG5A103C03 Datasheet(PDF) 51 Page - Murata Manufacturing Co., Ltd.

Part # PVG5A103C03
Description  Trimmer Potentiometers SMD Open Type 2mm Size PVZ2/PVA2 Series
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

PVG5A103C03 Datasheet(HTML) 51 Page - Murata Manufacturing Co., Ltd.

Back Button PVG5A103C03 Datasheet HTML 47Page - Murata Manufacturing Co., Ltd. PVG5A103C03 Datasheet HTML 48Page - Murata Manufacturing Co., Ltd. PVG5A103C03 Datasheet HTML 49Page - Murata Manufacturing Co., Ltd. PVG5A103C03 Datasheet HTML 50Page - Murata Manufacturing Co., Ltd. PVG5A103C03 Datasheet HTML 51Page - Murata Manufacturing Co., Ltd. PVG5A103C03 Datasheet HTML 52Page - Murata Manufacturing Co., Ltd. PVG5A103C03 Datasheet HTML 53Page - Murata Manufacturing Co., Ltd. PVG5A103C03 Datasheet HTML 54Page - Murata Manufacturing Co., Ltd. PVG5A103C03 Datasheet HTML 55Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 51 / 55 page
background image
Packaging
Part Number
Minimum Quantity (pcs.)
PVZ2A
PVZ2R
PVA2
PVZ3A/H
PVZ3G
PVZ3K
PVG3A/G
PVM4
PVG5A
PVG5H
PV32
PV12
PV36
PV37
3000
3000
3000
2000
2500
1500
1000
500
250
500
—
—
—
—
ø180mm reel
1000
1000
1000
1000
1000
1000
500
500
100
100
100
50
100
100
Bulk
c Minimum Quantity
(in mm)
13.0 0.5 Dia.
21.0 0.8 Dia.
2.0 0.5
178 2 Dia.
9.0 1.0
13.0 1.0
c Dimensions of Reel
PVZ2A/PVA2/PVZ3A/PVZ3G/PVZ3H
(in mm)
13.0 0.5 Dia.
21.0 0.8 Dia.
2.0 0.5
178 2 Dia.
13.0 1.0
17.0 1.0
PVZ2R/PVZ3K/PVM4/PVG3/PVG5H
(in mm)
21.0±0.8 Dia.
178.0±2.0 Dia.
13.0±0.5 Dia.
2.0±0.5
17.0±1.0
19.4±1.0
PVG5A
Continued on the following page.
R50E.pdf
Jul.23,2012
49
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com