Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PVG5A103C03 Datasheet(PDF) 11 Page - Murata Manufacturing Co., Ltd.

Part # PVG5A103C03
Description  Trimmer Potentiometers SMD Open Type 2mm Size PVZ2/PVA2 Series
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

PVG5A103C03 Datasheet(HTML) 11 Page - Murata Manufacturing Co., Ltd.

Back Button PVG5A103C03 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. PVG5A103C03 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. PVG5A103C03 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. PVG5A103C03 Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. PVG5A103C03 Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. PVG5A103C03 Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. PVG5A103C03 Datasheet HTML 13Page - Murata Manufacturing Co., Ltd. PVG5A103C03 Datasheet HTML 14Page - Murata Manufacturing Co., Ltd. PVG5A103C03 Datasheet HTML 15Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 55 page
background image
PVZ2/PVA2 Series Notice
Continued from the preceding page.
t3
t2
T3
T2
T5
T4
T1
Time (s)
t1
1. Soldering profile for lead free solder (96.5Sn/3.0Ag/0.5Cu)
Standard Profile
Pre-heating
Heating
Cycle of
Reflow
Time
°C
Series
PVZ2
PVA2
Temp. (T1)
°C
Time (t1)
sec.
Temp. (T2)
°C
Time (t2)
sec.
Pre-heating
Heating
Cycle of
Reflow
Time
°C
Temp. (T1)
°C
Time (t1)
sec.
Temp. (T4)
°C
Time (t3)
sec.
Limit Profile
2
2
245±3
245±3
150 to 180
150 to 180
60 to 120
60 to 120
220
220
30 to 60
30 to 60
2
2
260
260 +5/-0
150 to 180
150 to 180
60 to 120
60 to 120
220
220
30 to 60
30 to 60
Limit Profile
Standard Profile
Standard Profile
Pre-heating
Heating
Cycle of
Reflow
Time
°C
Series
PVZ2
PVA2
Temp. (T1)
°C
Time (t1)
sec.
Temp. (T2)
°C
Time (t2)
sec.
1
230
150
60 to 120
183
30
time (s)
Standard Profile
t1
T1
t2
T3
T2
2. Soldering profile for Eutectic solder (63Sn/37Pb)
(Limit profile: refer to 1)
Standard Condition
Series
PVZ2
PVA2
Temperature of Soldering Iron Tip
Soldering Time
Soldering Iron Power Output
350±10
3 max.
30 max.
1
Cycle of Soldering Iron
°C
sec.
W
Time
Reflow Soldering Profile
Soldering Iron
Peak
Temperature
(T3)
Peak
Temperature
(T5)
Peak
Temperature
(T3)
c Soldering Profile
c Notice (Handling)
c Notice (Other)
1. Please make sure that your product has been
evaluated and confirmed against your
specifications when our product is mounted to your
product.
2. Murata cannot guarantee trimmer potentiometer
integrity when used under conditions other than
those specified in this document.
1. Use suitable screwdrivers that fit comfortably in the
driver slot. We recommend the screwdriver below.
* Recommended screwdriver for manual adjustment
Murata P/N: KMDR190
2. The screwdriver should be set in the products
vertically, do not apply more than 4.9N (Ref. 500gf)
of twist and stress after mounting onto PCB to
prevent contact intermittence. If excessive force is
applied, the trimmer potentiometer may not function.
3. Please use within the effective rotational angle.
The trimmer potentiometer does not have a
mechanical stop for over rotation. In cases out of
effective rotational angle, the trimmer
potentiometer may not function.
4. When using a lock paint to fix the slot position or
cover the rotor, please evaluate performance with
your product. Lock paint may cause corrosion or
electrical contact problems.
R50E.pdf
Jul.23,2012
9
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com