Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

REF5025 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # REF5025
Description  Low-Noise, Very Low Drift, Precision VOLTAGE REFERENCE
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

REF5025 Datasheet(HTML) 5 Page - Texas Instruments

  REF5025 Datasheet HTML 1Page - Texas Instruments REF5025 Datasheet HTML 2Page - Texas Instruments REF5025 Datasheet HTML 3Page - Texas Instruments REF5025 Datasheet HTML 4Page - Texas Instruments REF5025 Datasheet HTML 5Page - Texas Instruments REF5025 Datasheet HTML 6Page - Texas Instruments REF5025 Datasheet HTML 7Page - Texas Instruments REF5025 Datasheet HTML 8Page - Texas Instruments REF5025 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
Drift(ppm/ C)
°
Drift(ppm/ C)
°
-50
-25
Temperature( C)
°
0.05
0.04
0.03
0.02
0.01
0
-0.01
-0.02
-0.03
-0.04
-0.05
125
0
25
50
75
100
OutputInitialAccuracy(%)
10
Frequency(Hz)
160
140
120
100
80
60
40
20
0
100k
100
1k
10k
-15
-10
-5
LoadCurrent(mA)
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
15
0
5
10
+125 C
°
+25 C
°
-
°
40 C
REF5010, REF5020
REF5025, REF5030
REF5040, REF5045, REF5050
www.ti.com
SBOS410E – JUNE 2007 – REVISED JUNE 2010
TYPICAL CHARACTERISTICS
At TA = +25°C, ILOAD = 0, and VS = VOUT + 0.2V, unless otherwise noted. For VOUT ≤ 2.5V, the minimum supply voltage is 2.7V.
TEMPERATURE DRIFT
TEMPERATURE DRIFT
(0°C to +85°C)
(–40°C to +125°C)
Figure 1.
Figure 2.
OUTPUT VOLTAGE
OUTPUT VOLTAGE ACCURACY
INITIAL ACCURACY
vs TEMPERATURE
Figure 3.
Figure 4.
POWER-SUPPLY REJECTION RATIO
DROPOUT VOLTAGE
vs FREQUENCY
vs LOAD CURRENT
Figure 5.
Figure 6.
Copyright © 2007–2010, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): REF5010 REF5020 REF5025 REF5030 REF5040 REF5045 REF5050



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com