Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

REF5025 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # REF5025
Description  Low-Noise, Very Low Drift, Precision VOLTAGE REFERENCE
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

REF5025 Datasheet(HTML) 7 Page - Texas Instruments

Back Button REF5025 Datasheet HTML 3Page - Texas Instruments REF5025 Datasheet HTML 4Page - Texas Instruments REF5025 Datasheet HTML 5Page - Texas Instruments REF5025 Datasheet HTML 6Page - Texas Instruments REF5025 Datasheet HTML 7Page - Texas Instruments REF5025 Datasheet HTML 8Page - Texas Instruments REF5025 Datasheet HTML 9Page - Texas Instruments REF5025 Datasheet HTML 10Page - Texas Instruments REF5025 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
1s/div
40 s/div
m
2V/div
1V/div
V
OUT
V
IN
400 s/div
m
5V/div
1V/div
V
OUT
V
IN
20 s/div
m
-1mA
-1mA
+1mA
I
LOAD
V
OUT
5mV/div
1mA/div
20 s/div
m
-10mA
+10mA
+10mA
I
LOAD
V
OUT
2mV/div
10mA/div
100 s/div
m
-1mA
-1mA
+1mA
I
LOAD
V
OUT
5mV/div
1mA/div
REF5010, REF5020
REF5025, REF5030
REF5040, REF5045, REF5050
www.ti.com
SBOS410E – JUNE 2007 – REVISED JUNE 2010
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C, ILOAD = 0, and VS = VOUT + 0.2V, unless otherwise noted. For VOUT ≤ 2.5V, the minimum supply voltage is 2.7V.
STARTUP
NOISE
(REF5025, CL = 1mF)
Figure 13.
Figure 14.
STARTUP
LOAD TRANSIENT
(REF5025, CL = 10mF)
(CL = 1mF, IOUT = 1mA)
Figure 15.
Figure 16.
LOAD TRANSIENT
LOAD TRANSIENT
(CL = 1mF, IOUT = 10mA)
(CL = 10mF, IOUT = 1mA)
Figure 17.
Figure 18.
Copyright © 2007–2010, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): REF5010 REF5020 REF5025 REF5030 REF5040 REF5045 REF5050



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com