Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

REF5025 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # REF5025
Description  Low-Noise, Very Low Drift, Precision VOLTAGE REFERENCE
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

REF5025 Datasheet(HTML) 12 Page - Texas Instruments

Back Button REF5025 Datasheet HTML 8Page - Texas Instruments REF5025 Datasheet HTML 9Page - Texas Instruments REF5025 Datasheet HTML 10Page - Texas Instruments REF5025 Datasheet HTML 11Page - Texas Instruments REF5025 Datasheet HTML 12Page - Texas Instruments REF5025 Datasheet HTML 13Page - Texas Instruments REF5025 Datasheet HTML 14Page - Texas Instruments REF5025 Datasheet HTML 15Page - Texas Instruments REF5025 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
ADS8326
REF5040
REF
V
OUT
GND
+IN
-
IN
V
IN
+5V
OPA365
Input
Signal
0Vto4V
+5V
+5V
V
DD
GND
C
BYPASS
1 F
m
R
1
50W
C
1
1.2nF
C
2
22 F
m
-
2.5V
+2.5V
+5V
NOTE:Bypasscapacitorsnotshown.
R
1
10kW
R
2
10kW
-
5V
OPA735
+5V
DNC
TEMP
V
OUT
V
IN
GND
DNC
NC
TRIM/NR
REF5025
1 F
m
REF5010, REF5020
REF5025, REF5030
REF5040, REF5045, REF5050
SBOS410E – JUNE 2007 – REVISED JUNE 2010
www.ti.com
APPLICATION CIRCUITS
DATA ACQUISITION
NEGATIVE REFERENCE VOLTAGE
Data acquisition systems often require stable voltage
For applications requiring a negative and positive
references to maintain accuracy. The REF50xx family
reference voltage, the REF50xx and OPA735 can be
features low noise, very low drift, and high initial
used to provide a dual-supply reference from a 5V
accuracy
for
high-performance
data
converters.
supply. Figure 33 shows the REF5025 used to
Figure 34 shows the REF5040 in a basic data
provide a 2.5V supply reference voltage. The low drift
acquisition system.
performance of the REF50xx complements the low
offset voltage and zero drift of the OPA735 to provide
an accurate solution for split-supply applications.
Care must be taken to match the temperature
coefficients of R1 and R2.
Figure 34. Basic Data Acquisition System
Figure 33. The REF5025 and OPA735 Create
Positive and Negative Reference Voltages
12
Submit Documentation Feedback
Copyright © 2007–2010, Texas Instruments Incorporated
Product Folder Link(s): REF5010 REF5020 REF5025 REF5030 REF5040 REF5045 REF5050



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com