Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

REF5025 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # REF5025
Description  Low-Noise, Very Low Drift, Precision VOLTAGE REFERENCE
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

REF5025 Datasheet(HTML) 1 Page - Texas Instruments

  REF5025 Datasheet HTML 1Page - Texas Instruments REF5025 Datasheet HTML 2Page - Texas Instruments REF5025 Datasheet HTML 3Page - Texas Instruments REF5025 Datasheet HTML 4Page - Texas Instruments REF5025 Datasheet HTML 5Page - Texas Instruments REF5025 Datasheet HTML 6Page - Texas Instruments REF5025 Datasheet HTML 7Page - Texas Instruments REF5025 Datasheet HTML 8Page - Texas Instruments REF5025 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
ADS8326
REF5040
REF
V
OUT
GND
+IN
-
IN
V
IN
+5V
OPA365
Input
Signal
0V to 4V
+5V
+5V
V
DD
GND
C
BYPASS
1 F
m
R
1
50W
C
1
1.2nF
C
2
22 F
m
1
2
3
4
8
7
6
5
DNC
(1)
NC
(2)
TRIM/NR
DNC
(1)
V
IN
TEMP
GND
V
OUT
REF50xx
SO-8, MSOP-8
(1) DNC = Do not connect.
(2) NC = No internal connection.
NOTES:
REF5010, REF5020
REF5025, REF5030
REF5040, REF5045, REF5050
www.ti.com
SBOS410E – JUNE 2007 – REVISED JUNE 2010
Low-Noise, Very Low Drift, Precision
VOLTAGE REFERENCE
Check for Samples: REF5010, REF5020, REF5025, REF5030, REF5040, REF5045, REF5050
1
FEATURES
DESCRIPTION
2
•
LOW TEMPERATURE DRIFT:
The REF50xx is a family of low-noise, low-drift, very
high precision voltage references. These references
–
High-Grade: 3ppm/°C (max)
are capable of both sinking and sourcing, and are
–
Standard-Grade: 8ppm/°C (max)
very robust with regard to line and load changes.
•
HIGH ACCURACY:
Excellent
temperature
drift
(3ppm/°C)
and
high
–
High-Grade: 0.05% (max)
accuracy (0.05%) are achieved using proprietary
–
Standard-Grade: 0.1% (max)
design techniques. These features, combined with
very low noise, make the REF50xx family ideal for
•
LOW NOISE: 3mVPP/V
use in high-precision data acquisition systems.
•
EXCELLENT LONG-TERM STABILITY:
Each reference voltage is available in both standard-
–
5ppm/1000hr (typ) after 1000 hours
and high-grade versions. They are offered in MSOP-8
•
HIGH OUTPUT CURRENT: ±10mA
and SO-8 packages, and are specified from –40°C to
•
TEMPERATURE RANGE: –40°C to +125°C
+125°C.
APPLICATIONS
REF50xx Family
•
16-BIT DATA ACQUISITION SYSTEMS
MODEL
OUTPUT VOLTAGE
•
ATE EQUIPMENT
REF5020
2.048V
•
INDUSTRIAL PROCESS CONTROL
REF5025
2.5V
REF5030
3.0V
•
MEDICAL INSTRUMENTATION
REF5040
4.096V
•
OPTICAL CONTROL SYSTEMS
REF5045
4.5V
•
PRECISION INSTRUMENTATION
REF5050
5.0V
REF5010
10.0V
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2007–2010, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - REF5025

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
REF5025 BURR-BROWN-REF5025 Datasheet
468Kb / 16P
Low-Noise, Very Low Drift, Precision VOLTAGE REFERENCE
REF5025 BURR-BROWN-REF5025 Datasheet
610Kb / 18P
Low-Noise, Very Low Drift, Precision VOLTAGE REFERENCE
logo
Texas Instruments
REF5025 TI-REF5025 Datasheet
614Kb / 20P
Low-Noise, Very Low Drift, Precision VOLTAGE REFERENCE
REF5025 TI-REF5025 Datasheet
1Mb / 28P
Low-Noise, Very Low Drift, Precision OLTAGE REFERENCE
REF5025 TI-REF5025 Datasheet
1Mb / 28P
Low-Noise, Very Low Drift, Precision OLTAGE REFERENCE
More results

Similar Description - REF5025

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
REF5020 BURR-BROWN-REF5020 Datasheet
468Kb / 16P
Low-Noise, Very Low Drift, Precision VOLTAGE REFERENCE
logo
Texas Instruments
REF5010 TI-REF5010 Datasheet
614Kb / 20P
Low-Noise, Very Low Drift, Precision VOLTAGE REFERENCE
REF5020-EP TI-REF5020-EP Datasheet
374Kb / 16P
LOW-NOISE, VERY LOW DRIFT, PRECISION VOLTAGE REFERENCE
REF5020-EP TI-REF5020-EP_1 Datasheet
541Kb / 18P
LOW-NOISE,VERY LOW DRIFT,PRECISION VOLTAGE REFERENCE
REF5020A-Q1 TI1-REF5020A-Q1 Datasheet
888Kb / 19P
LOW-NOISE, VERY LOW DRIFT, PRECISION VOLTAGE REFERENCE
REF5025-HT TI1-REF5025-HT Datasheet
446Kb / 16P
LOW NOISE, VERY LOW DRIFT, PRECISION VOLTAGE REFERENCE
REF5050AQDRQ1 TI1-REF5050AQDRQ1 Datasheet
1Mb / 21P
LOW-NOISE, VERY LOW DRIFT, PRECISION VOLTAGE REFERENCE
REF5010 TI-REF5010_15 Datasheet
2Mb / 28P
Low-Noise, Very Low Drift, Precision Voltage Reference
REF5010 TI1-REF5010 Datasheet
3Mb / 38P
Low-Noise, Very Low Drift, Precision Voltage Reference
REF5020-EP TI1-REF5020-EP Datasheet
1Mb / 29P
Low-Noise, Very Low Drift, Precision Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com