Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM8S003F3T6 Datasheet(PDF) 75 Page - STMicroelectronics

Part # STM8S003F3T6
Description  Value line, 16 MHz STM8S 8-bit MCU, 8 Kbytes Flash, 128 bytes data EEPROM, 10-bit ADC, 3 timers, UART, SPI, I²C
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S003F3T6 Datasheet(HTML) 75 Page - STMicroelectronics

Back Button STM8S003F3T6 Datasheet HTML 71Page - STMicroelectronics STM8S003F3T6 Datasheet HTML 72Page - STMicroelectronics STM8S003F3T6 Datasheet HTML 73Page - STMicroelectronics STM8S003F3T6 Datasheet HTML 74Page - STMicroelectronics STM8S003F3T6 Datasheet HTML 75Page - STMicroelectronics STM8S003F3T6 Datasheet HTML 76Page - STMicroelectronics STM8S003F3T6 Datasheet HTML 77Page - STMicroelectronics STM8S003F3T6 Datasheet HTML 78Page - STMicroelectronics STM8S003F3T6 Datasheet HTML 79Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 100 page
background image
Unit
Max
Typ
Min
Conditions
Parameter
Symbol
level voltage
(1)
VDD + 0.3
0.7 x VDD
IOL=2 mA
NRST input high
VIH(NRST)
level voltage
(1)
0.5
NRST output low
VOL(NRST)
level voltage
(1)
kΩ
80
55
30
NRST pull-up
RPU(NRST)
resistor
(2)
ns
75
NRST input filtered
tI FP(NRST)
pulse
(3)
500
NRST input not
tIN FP(NRST)
filtered pulse
(3)
μs
20
NRST output
pulse
(3)
tOP(NRST)
(1) Data based on characterization results, not tested in production.
(2) The R
PU pull-up equivalent resistor is based on a resistive transistor
(3) Data guaranteed by design, not tested in production.
75/100
DocID018576 Rev 3
Electrical characteristics
STM8S003K3 STM8S003F3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com