Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM8S003F3T6 Datasheet(PDF) 96 Page - STMicroelectronics

Part # STM8S003F3T6
Description  Value line, 16 MHz STM8S 8-bit MCU, 8 Kbytes Flash, 128 bytes data EEPROM, 10-bit ADC, 3 timers, UART, SPI, I²C
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S003F3T6 Datasheet(HTML) 96 Page - STMicroelectronics

Back Button STM8S003F3T6 Datasheet HTML 92Page - STMicroelectronics STM8S003F3T6 Datasheet HTML 93Page - STMicroelectronics STM8S003F3T6 Datasheet HTML 94Page - STMicroelectronics STM8S003F3T6 Datasheet HTML 95Page - STMicroelectronics STM8S003F3T6 Datasheet HTML 96Page - STMicroelectronics STM8S003F3T6 Datasheet HTML 97Page - STMicroelectronics STM8S003F3T6 Datasheet HTML 98Page - STMicroelectronics STM8S003F3T6 Datasheet HTML 99Page - STMicroelectronics STM8S003F3T6 Datasheet HTML 100Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 96 / 100 page
background image
Ordering information
12
Figure 47: STM8S003x value line ordering information scheme
Pin count
K = 32 pins
F = 20 pins
Example:
Sub-family type
00x = Value line
003 sub-family
Family type
S = Standard
Temperature range
6 = -40 °C to 85 °C
Program memory size
3 = 8 Kbytes
Packing
No character = Tray or tube
TR = Tape and reel
Package pitch
Blank = 0.5 or 0.65 mm(1)
C = 0.8 mm(2)
STM8
S
003
K
3
T
6
TR
Product class
STM8 microcontroller
Package type 1
P = TSSOP
T = LQFP
U = UFQFPN
1. TSSOP and UFQFPN package.
2. LQFP package.
For a list of available options (e.g. package, packing) and orderable part numbers or for further
information on any aspect of this device, please go to www.st.com or contact the ST Sales
Office nearest to you.
DocID018576 Rev 3
96/100
STM8S003K3 STM8S003F3
Ordering information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com