Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM8S003F3T6 Datasheet(PDF) 80 Page - STMicroelectronics

Part # STM8S003F3T6
Description  Value line, 16 MHz STM8S 8-bit MCU, 8 Kbytes Flash, 128 bytes data EEPROM, 10-bit ADC, 3 timers, UART, SPI, I²C
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S003F3T6 Datasheet(HTML) 80 Page - STMicroelectronics

Back Button STM8S003F3T6 Datasheet HTML 76Page - STMicroelectronics STM8S003F3T6 Datasheet HTML 77Page - STMicroelectronics STM8S003F3T6 Datasheet HTML 78Page - STMicroelectronics STM8S003F3T6 Datasheet HTML 79Page - STMicroelectronics STM8S003F3T6 Datasheet HTML 80Page - STMicroelectronics STM8S003F3T6 Datasheet HTML 81Page - STMicroelectronics STM8S003F3T6 Datasheet HTML 82Page - STMicroelectronics STM8S003F3T6 Datasheet HTML 83Page - STMicroelectronics STM8S003F3T6 Datasheet HTML 84Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 100 page
background image
Figure 40: SPI timing diagram - master mode
(1)
ai14136b
CPHA= 0
MOSI
OUTUT
MISO
INP UT
CPHA= 0
MS BIN
M SB OUT
BI T6 IN
LSB OUT
LSB IN
CPOL=0
CPOL=1
B I T1 OUT
NSS input
tc(SCK)
tw(SCKH)
tw(SCKL)
tr(SCK)
tf(SCK)
th(MI)
High
CPHA=1
CPHA=1
CPOL=0
CPOL=1
tsu(MI)
tv(MO)
th(MO)
1. Measurement points are made at CMOS levels: 0.3 VDD and 0.7 VDD.
I
2C interface characteristics
9.3.9
Table 43: I
2C characteristics
Unit
Fast mode I
2C(1)
Standard mode I
2C
Parameter
Symbol
Max
(2)
Min
(2)
Max
(2)
Min
(2)
μs
1.3
4.7
SCL clock low time
tw(SCLL)
0.6
4.0
SCL clock high time
tw(SCLH)
ns
100
250
SDA setup time
tsu(SDA)
900
(3)
0
(4)
0
(3)
SDA data hold time
th(SDA)
300
1000
SDA and SCL rise time
tr(SDA)
tr(SCL)
300
300
SDA and SCL fall time
tf(SDA)
tf(SCL)
μs
0.6
4.0
START condition hold time
th(STA)
0.6
4.7
Repeated START condition setup time
tsu(STA)
DocID018576 Rev 3
80/100
STM8S003K3 STM8S003F3
Electrical characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com