Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM8S003F3T6 Datasheet(PDF) 92 Page - STMicroelectronics

Part # STM8S003F3T6
Description  Value line, 16 MHz STM8S 8-bit MCU, 8 Kbytes Flash, 128 bytes data EEPROM, 10-bit ADC, 3 timers, UART, SPI, I²C
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S003F3T6 Datasheet(HTML) 92 Page - STMicroelectronics

Back Button STM8S003F3T6 Datasheet HTML 88Page - STMicroelectronics STM8S003F3T6 Datasheet HTML 89Page - STMicroelectronics STM8S003F3T6 Datasheet HTML 90Page - STMicroelectronics STM8S003F3T6 Datasheet HTML 91Page - STMicroelectronics STM8S003F3T6 Datasheet HTML 92Page - STMicroelectronics STM8S003F3T6 Datasheet HTML 93Page - STMicroelectronics STM8S003F3T6 Datasheet HTML 94Page - STMicroelectronics STM8S003F3T6 Datasheet HTML 95Page - STMicroelectronics STM8S003F3T6 Datasheet HTML 96Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 100 page
background image
20-lead UFQFPN package mechanical data
10.3
Figure 46: 20-lead ultra thin fine pitch quad flat no-lead package outline (3x3)
103_A0A5_ME
11
15
16
20
1
5
D
e
b
e
E
A1
A
ddd
L2
10
L1
A3
L3
L4
D
E
TOP VIEW
SIDE VIEW
BOTTOM VIEW
Pin 1
1. Drawing is not to scale.
Table 53: 20-lead ultra thin fine pitch quad flat no-lead package (3x3) mechanical data
inches
(1)
mm
Dim.
Max
Typ
Min
Max
Typ
Min
0.1181
3.000
D
0.1181
3.000
E
0.0236
0.0217
0.0197
0.600
0.550
0.500
A
0.0020
0.0008
0.0000
0.050
0.020
0.000
A1
0.0060
0.152
A3
0.0197
0.500
e
0.0236
0.0217
0.0197
0.600
0.550
0.500
L1
0.0157
0.0138
0.0118
0.400
0.350
0.300
L2
0.0059
0.150
L3
0.0079
0.200
L4
0.0118
0.0098
0.0071
0.300
0.250
0.180
b
DocID018576 Rev 3
92/100
STM8S003K3 STM8S003F3
Package information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com