Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BLA2ABB100SN4 Datasheet(PDF) 57 Page - Murata Manufacturing Co., Ltd.

Part # BLA2ABB100SN4
Description  EMI Suppression Filters
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

BLA2ABB100SN4 Datasheet(HTML) 57 Page - Murata Manufacturing Co., Ltd.

Back Button BLA2ABB100SN4 Datasheet HTML 53Page - Murata Manufacturing Co., Ltd. BLA2ABB100SN4 Datasheet HTML 54Page - Murata Manufacturing Co., Ltd. BLA2ABB100SN4 Datasheet HTML 55Page - Murata Manufacturing Co., Ltd. BLA2ABB100SN4 Datasheet HTML 56Page - Murata Manufacturing Co., Ltd. BLA2ABB100SN4 Datasheet HTML 57Page - Murata Manufacturing Co., Ltd. BLA2ABB100SN4 Datasheet HTML 58Page - Murata Manufacturing Co., Ltd. BLA2ABB100SN4 Datasheet HTML 59Page - Murata Manufacturing Co., Ltd. BLA2ABB100SN4 Datasheet HTML 60Page - Murata Manufacturing Co., Ltd. BLA2ABB100SN4 Datasheet HTML 61Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 88 page
background image
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
C31E.pdf
Mar.28,2011
68
s Impedance-Frequency Characteristics
Continued on the following page.
s Impedance-Frequency Characteristics (Main Items)
BLM21BB Series
BLM21BD Series
BLM21BD121SN1
BLM21BD151SN1
BLM21BD221SN1
BLM21BD331SN1
BLM21BD421SN1
BLM21BD471SN1
BLM21BD601SN1
BLM21BD751SN1
BLM21BD102SN1
BLM Series
Signal Lines Type Chip Ferrite Bead
BLM21B Series (0805 Size)
BLM21B
Frequency (MHz)
1
10
100
1000
3000
2000
1200
1600
800
400
0
BLM21BB151SN1
BLM21BB121SN1
BLM21BB471SN1
BLM21BB201SN1
BLM21BB600SN1
BLM21BB331SN1
BLM21BB221SN1
BLM21BB750SN1
BLM21BB050SN1
Frequency (MHz)
1
10
100
1000
3000
3200
2400
1600
800
0
BLM21BD331SN1
BLM21BD471SN1
BLM21BD221SN1
BLM21BD152SN1
BLM21BD151SN1
BLM21BD121SN1
BLM21BD601SN1
BLM21BD222TN1
BLM21BD102SN1
BLM21BD751SN1
BLM21BD272SN1
BLM21BD222SN1
BLM21BD182SN1
BLM21BD421SN1
1
10
100
1000
3000
Frequency (MHz)
300
180
60
240
120
0
R
X
Z
1
10
100
1000
3000
Frequency (MHz)
300
240
120
180
60
0
R
X
Z
1
10
100
1000
3000
Frequency (MHz)
500
400
300
200
100
0
R
X
Z
1
10
100
1000
3000
Frequency (MHz)
800
600
400
200
0
R
X
Z
1
10
100
1000
3000
Frequency (MHz)
1000
600
800
400
200
0
R
X
Z
1
10
100
1000
3000
Frequency (MHz)
1200
900
600
300
0
R
X
Z
1
10
100
1000
3000
Frequency (MHz)
1200
900
600
300
0
R
X
Z
1
10
100
1000
3000
Frequency (MHz)
1500
1200
900
300
600
0
R
X
Z
1
10
100
1000
3000
Frequency (MHz)
1800
1200
1500
900
600
300
0
R
X
Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com